Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 12 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 8Page - Texas Instruments TCA9801 Datasheet HTML 9Page - Texas Instruments TCA9801 Datasheet HTML 10Page - Texas Instruments TCA9801 Datasheet HTML 11Page - Texas Instruments TCA9801 Datasheet HTML 12Page - Texas Instruments TCA9801 Datasheet HTML 13Page - Texas Instruments TCA9801 Datasheet HTML 14Page - Texas Instruments TCA9801 Datasheet HTML 15Page - Texas Instruments TCA9801 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
TCA9800
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Integrated Current Source
The TCA980x family has an integrated current source on the B side. By using an integrated current source, the
device is able to measure current to determine if an external device is pulling down on the bus or not. This
innovative detection method removes the need for a static voltage offset on the B side.
9.3.2 Ultra-Low Power Consumption
The TCA980x family features ultra low power consumption, to help maximum battery life, or cut down on power
dissipation in sensitive applications.
9.3.3 No Static-Voltage Offset
The TCA980x family has no static-voltage offset, which are commonly used in buffered translators to prevent a
device lock-up situation where the buffer's own output low could trip the input low threshold. The removal of the
static voltage offset is significant because it allows the device to have low a low VOL on the B side, which helps
prevents communication issues that arise from connecting a static-voltage offset output device to an input with
an input low threshold which is below the static voltage VOL.
9.3.4 Active-High Repeater Enable Input
The TCA980x has an active-high enable (EN) input with an internal pull-up to VCCA, which allows the user to
select when the repeater is active. This can be used to isolate a badly behaved slave on power-up reset. The EN
input must change state only when the global bus and repeater port are in an idle state. to prevent system or
communication failures. When enable is a logic LOW while VCCB is powered on, the internal current source on
B side is still enabled. The enable pin does not disable the internal current source.
9.3.5 Powered Off High Impedance I2C Bus Pins on A-Side
The SCLA and SDAA pins enters a high impedance state when either VCCA or VCCB fall below their UVLO
voltages. These pins are safe to continue having I2C communication on, even when the device is disabled or has
no power.
The SCLB and SDAB pins remain powered by their current source (ICS), even when VCCA is below UVLO.
When VCCB falls below UVLO, the current source turns off, and a weak pull-up is connected to prevent the B-
pins from floating. This is intended behavior, because no external pull-up resistors are to be used on the SDAB
or SCLB pins. This behavior prevents the bus pins from floating, and allows it to follow VCCB.
9.3.6 Powered-Off Back-Power Protection for I2C Bus Pins
All I2C bus pins has protection circuitry to prevent current from flowing to the VCC pins from the I2C bus pins.
9.3.7 Clock Stretching and Multiple Master Arbitration Support
The TCA980x family supports clock stretching and multiple master arbitration methods, and helps to minimize
overshoot during these hand offs between master and slave (or multiple masters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com