Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 24 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 20Page - Texas Instruments TCA9801 Datasheet HTML 21Page - Texas Instruments TCA9801 Datasheet HTML 22Page - Texas Instruments TCA9801 Datasheet HTML 23Page - Texas Instruments TCA9801 Datasheet HTML 24Page - Texas Instruments TCA9801 Datasheet HTML 25Page - Texas Instruments TCA9801 Datasheet HTML 26Page - Texas Instruments TCA9801 Datasheet HTML 27Page - Texas Instruments TCA9801 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 2.5 V
TCA9800
TCA9801
TCA9802
TCA9803
24
TCA9800
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Table 7. Design Requirements (continued)
Parameter
Description
Acceptable Range
Example Value/Target
VCCA
VCCA supply voltage
0.8 V-3.6 V
2.5 V
VCCB
VCCB supply voltage
1.65 V-3.6 V
2.5 V
fSCL
I2C clock frequency
400 kHz
10.2.2.2 Detailed Design Procedure
Selecting the pull-up resistor required for the A-side is well documented already, see the I2C Bus Pullup Resistor
Calculation application report. The rest of this section deals only with selection of a device based on the B-side
design requirements.
Selection process of each device is identical to the procedure described in the Device Selection Guide section,
except that it must be done for each individual TCA980x. This section jumps straight to the selection graphs to
show the selection process. See the Detailed Design Procedure section for single device for detailed information.
As shown in Figure 30, the shaded region is the appropriate region based on design requirements listed in
Table 7. Any line that touches this shaded region is able to meet the design requirements. In this example, the
TCA9803, TCA9802, and TCA9801 are able to satisfy the design requirements, since they all touch the shaded
region. The TCA9800 falls below the shaded region.
Based on the selection graph shown above, the TCA9801 is selected, since it is the lowest-power device which
touches the shaded region (red trace). The TCA9803 or the TCA9802 may also be used without any
consequences.
10.2.2.3 Application Curve
Figure 30. Selection Guide Based On Example Design Requirements
10.2.3 Parallel Device Use Case
The TCA980x family supports multiple TCA980x used in parallel. The A-sides of the TCA980x are allowed to be
connected together.
It is critical to note that there are no external sources of current allowed on the B-side ports, since this can affect
device operation shown in the IEXT-I section.
NOTE: B-sides of TCA980x devices may never be connected to each other, because the IEXT-I specification limit
is violated. See the IEXT-I section for more information.
NOTE: The B-side may not be connected to another translator if it uses a static-voltage offset. The RILC spec is
violated since the static voltage offset adjusts the output resistance to ground to be outside of the RILC spec
requirement, causing the TCA980x to be unable to recognize a low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com