Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 25 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 21Page - Texas Instruments TCA9801 Datasheet HTML 22Page - Texas Instruments TCA9801 Datasheet HTML 23Page - Texas Instruments TCA9801 Datasheet HTML 24Page - Texas Instruments TCA9801 Datasheet HTML 25Page - Texas Instruments TCA9801 Datasheet HTML 26Page - Texas Instruments TCA9801 Datasheet HTML 27Page - Texas Instruments TCA9801 Datasheet HTML 28Page - Texas Instruments TCA9801 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
EN
SDAA
SCLA
SDAB
SCLB
VCCA VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
1.65 V
BUS B
BUS A
BUS C
Copyright © 2017, Texas Instruments Incorporated
25
TCA9800
www.ti.com
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Figure 31. Parallel Use Case
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.
10.2.3.1 Design Requirements
The system designer must first select the correct variant of the TCA980x family for the load. In order to do this,
the information shown in Table 8 and Table 9 must be known. The setup in Figure 31 is used for these example
design requirements.
Table 8. Design Requirements for Bus B
Parameter
Description
Acceptable Range
Example Value/Target
CL
Load capacitance (bus capacitance) on B-
side
up to 400 pF
300 pF
tr
Rise time
up to 300 ns
≤ 300 ns
VCCA
VCCA supply voltage
0.8 V-3.6 V
1.65 V
VCCB
VCCB supply voltage
1.65 V-3.6 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com