Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 6 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 2Page - Texas Instruments TCA9801 Datasheet HTML 3Page - Texas Instruments TCA9801 Datasheet HTML 4Page - Texas Instruments TCA9801 Datasheet HTML 5Page - Texas Instruments TCA9801 Datasheet HTML 6Page - Texas Instruments TCA9801 Datasheet HTML 7Page - Texas Instruments TCA9801 Datasheet HTML 8Page - Texas Instruments TCA9801 Datasheet HTML 9Page - Texas Instruments TCA9801 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TCA9800
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
ICCA + ICCB Total quiescent supply current
VCCA = VCCB = 1.8 V,
SDAA/SCLA = VCCA,
SDAB/SCLB = VCCB
18
µA
II
Input leakage current
SDAA, SCLA
VI = VCCA, EN = GND
±10
µA
VI = GND, EN = GND
±10
SDAB, SCLB
VCCB = 0 V, VI = 3.6 V
±10
CIO
I/O Capacitance
SDAA, SCLA
VI = 0 V or 3.3 V, f = 1 MHz
2
10
pF
SDAB, SCLB
VCCB = GND, VI = 0 V, f = 1 MHz
8
(1)
Times are specified with loads of 1.35 k
Ω and 50 pF on A-side and 50 pF on B-side. Different load resistance and capacitance alter the
rise and fall times, thereby changing the propagation delay.
7.6 Timing Requirements
PARAMETER
MIN
TYP
MAX
UNIT
fSCL(MAX)
Max SCL clock frequency
100
kHz
tr
(1)
Rise time
Port A
57
70
ns
Port B; VCCB = 1.65 V
66
110
Port B; VCCB = 2.5 V
100
170
Port B; VCCB = 3.6 V
144
270
tf
(1)
Fall time
Port A
9
30
ns
Port B
35
85
tPHL
(1)
Propagation delay high-to-low
Port A to Port B
75
200
ns
Port B to Port A
85
250
tPLH
(1)
Propagation delay low-to-high
Port A to Port B
40
150
ns
Port B to Port A
100
350
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tstartup
Startup time
72
340
µs
ten
Enable time
280
1000
ns
tdis
Disable time
740
1800
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com