Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 28 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TCA9801 Datasheet HTML 24Page - Texas Instruments TCA9801 Datasheet HTML 25Page - Texas Instruments TCA9801 Datasheet HTML 26Page - Texas Instruments TCA9801 Datasheet HTML 27Page - Texas Instruments TCA9801 Datasheet HTML 28Page - Texas Instruments TCA9801 Datasheet HTML 29Page - Texas Instruments TCA9801 Datasheet HTML 30Page - Texas Instruments TCA9801 Datasheet HTML 31Page - Texas Instruments TCA9801 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 1.65 V
TCA9800
TCA9801
TCA9802
TCA9803
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 3.3 V
TCA9800
TCA9801
TCA9802
TCA9803
28
TCA9800
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
10.2.4.2 Detailed Design Procedure
Selecting the pull-up resistor required for the A-side (Bus A) is well documented already, see the I2C Bus Pullup
Resistor Calculation application report. The rest of this section deals only with selection of a device based on the
B-side design requirements.
Selection process of each device is identical to the procedure described in the Device Selection Guide section,
except that it must be done for each individual TCA980x. This section jumps straight to the selection graphs to
show the selection process. See the Detailed Design Procedure section for single device for detailed information.
Figure 35. Selection Guide Based On Example Design Requirements for Bus B
Based on Figure 35, the TCA9803 is the only device which can satisfy the design requirements. Had the rise
time requirement been
≤ 300 ns, then the TCA9802 also works, but the design requirement was 200 ns.
Based on Figure 36, all 4 variants of the TCA980x family meet the design requirements. The TCA9800 is the
most optimized selection, but any of the variants can be used without issue.
As the system designer, the choice can be made to go for the most optimized part selections (TCA9803 for bus
B and TCA9800 for bus C), but it is also ok to use the TCA9803 on both busses, because it can satisfy the
design requirements of both busses.
10.2.4.3 Application Curve
Figure 36. Selection Guide Based on Example Design Requirements for Bus C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com