Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet(PDF) 3 Page - Texas Instruments

Part # TCA9801
Description  TCA9800 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9801 Datasheet(HTML) 3 Page - Texas Instruments

  TCA9801 Datasheet HTML 1Page - Texas Instruments TCA9801 Datasheet HTML 2Page - Texas Instruments TCA9801 Datasheet HTML 3Page - Texas Instruments TCA9801 Datasheet HTML 4Page - Texas Instruments TCA9801 Datasheet HTML 5Page - Texas Instruments TCA9801 Datasheet HTML 6Page - Texas Instruments TCA9801 Datasheet HTML 7Page - Texas Instruments TCA9801 Datasheet HTML 8Page - Texas Instruments TCA9801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
VCCA
8
VCCB
2
SCLA
7
SCLB
3
SDAA
6
SDAB
4
GND
5
EN
Not to scale
3
TCA9800
www.ti.com
SCPS264B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9800
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
5 Device Comparison Table
Part Number
ICS: Current Source Value (Typical)
TCA9800
0.54 mA
TCA9801
1.1 mA
TCA9802
2.2 mA
TCA9803
3.3 mA
6 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VCCA
Supply
A-side supply voltage (0.8 V to 3.6 V)
2
SCLA
I/O
Serial clock bus, A-side. Connect to VCCA through a pull-up resistor, even if unused
3
SDAA
I/O
Serial data bus, A-side. Connect to VCCA through a pull-up resistor, even if unused
4
GND
—
Ground
5
EN
I
Active-high repeater enable input, referenced to VCCA
6
SDAB
I/O
Serial data bus, B-side. Do NOT connect to VCCB through a pull-up resistor for proper operation. If
unused, leave floating
7
SCLB
I/O
Serial clock bus, B-side. Do NOT connect to VCCB through a pull-up resistor for proper operation. If
unused, leave floating
8
VCCB
Supply
B-side and device supply voltage (1.65 V to 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com