Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH3122KDF Datasheet HTML 1Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 2Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 3Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 5
3901003122
Rev 004
Figure 7 - Initialization
The input EN has an internal pull down resistor. If
EN=high, the internal pull down current is switched off to
minimize the quiescent current.
RESET Output
The RESET output is switched from low to high if VS is
switched on and VCC>VRESEIN after the time tRES.
If the voltage VCC drops below VRES1 or VRES2 then the RESET
output is switched from high to low after the time trr has been
reached.
The
voltage
level
for
VRES1 and VRES2 and the
corresponding times tRES can be programmed via the
analogue input VTR.
Wake up with BUS traffic
If the regulator is put in standby mode it can be woken
up with the BUS interface. Every pulse on the BUS (high
pulse or low pulse) with a pulse width of min. 45
µ s will
switch on the regulator.
After the BUS has woken up the regulator, it can only be
switched off with a high level followed by a low level on
the EN pin.
Reset Programming on VTR
With the VTR pin the reset switches off levels and delay
time can be programmed.
The voltage on VCC influences the reset function.
VTR-Programming
The voltage on VTR input is read out if the voltage at this
pin is higher than VRESEIN . This value defines the reset
switch off voltage VRES. With the next oscillator cycle it
switches on the pull up current source if VTR=low or the
pull down current source if VTR=high. The sources are
active for one oscillator cycle. The level changes during
this procedure on VTR, which depends on the external
pull up or pull down resistors control the reset time tRes
Temperature Limitation
If the junction temperature 150ºC < Tj < 170ºC the over
temperature recognition will be active and the regulator
voltage and the BUS driver will be switched off. After Tj
falls below 140ºC the TH3122 will be initialized,
independently of the voltage levels on EN and BUS.
The function of the TH3122 is possible between TAmax
and the switch off temperature, but small parameter
differences can appear.
Low Voltage Detection VS
Low voltage on VS is monitored on SENSE output.
If VS has reached the level of VS =6.8V then the SENSE
output
generates
low
level.
The
normal
operating range is VS > 7.8V and the SENSE output
generates a high level.
Universal Comparator
The TH3122 consist of a universal comparator for
general use. The positive input of this comparator is
connected to the pin SI. The input voltage range of SI is
0V...VS. The input voltage is compared with a fixed
reference voltage at high or low level and the comparator
output SO drives a 5V digital signal.
VS
VCC
t
Res
V
RESEIN
t
rr
V
RES1/2
RESET
VTR-Mode
VRES
tRes
VTR = GND
VRES = VRES1 = 3.15V
100ms
VTR = VCC
VRES = VRES2 = 4.65V
100ms
VTR with R
≥ 50k Ω to GND
VRES = VRES1 = 3.15V
15ms
VTR with R
≥ 50k Ω to VCC
VRES = VRES2 = 4.65V
15ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com