Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 10Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 11Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 12Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 13Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 10
3901003122
Rev 004
Dynamic Characteristics
(5.25V
≤ VS ≤ 16V, 4.75V ≤ VCC ≤ 5.25V, -40°C ≤ TA ≤ 125°C, unless otherwise specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
RESET
Reset time
tRes
RVTR < 1 k
Ω
70
100
140
ms
RVTR > 45 k
Ω
10
15
20
ms
Reset rising time
trr
3.0
6.5
10
µ s
K-Bus-Interface
Slew rate BUS falling edge
dV/dTfall
-2.2
-1.6
-1.0
Slew rate BUS rising edge
dV/dTrise
1.0
1.6
2.2
Symmetry of Slew rate BUS
dV/dTsym
0.3
V/
µ s
Debouncing time BUS
tdebBUS
High pulse or low pulse
1.5
2.8
4.0
µ s
Symmetry of debouncing BUS
tdebsym
0.5
µ s
Propagation delay TxD -> RxD
tpd
20
µ s
Symmetry of propagation delay
TxD -> RxD
tpdsym
3.5
µ s
Bit compare time BUS, SENSE, TxD
tbc
35
52
70
µ s
Recovery time BUS, TxD
trec
30
50
75
µ s
Inhibit time for transmit BUS, TxD
tena
0.92
1.33
1.8
ms
Constant low switch off BUS, TxD
tlow
3
6
12
ms
Oscillator frequency
fOSC
8
12
15
kHz
Debouncing time TxD
tdeb
0.6
1.0
1.5
µ s
Debouncing VS-SENSE
tdeb
10
17
25
µ s
V/
µs
Debouncing time EN
tdeb
200
ns
Wake-up debouncing BUS
tdebWake
25
45
90
µs
Propagation delay SI -> SO
tpdcomp
4
11
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com