Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 12 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 12 Page - Melexis Microelectronic Systems

Back Button TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 10Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 11Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 12Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 13Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 12
3901003122
Rev 004
Mechanical Specifications
DF (SOIC16) Package Dimensions
12 3
D
EH
b
e
A1
A
L
α
Small Outline Integrated Circiut (SOIC),
DF
(SOIC 16, 300 mil)
All Dimension in mm, coplanarity < 0.1 mm
D
E
H
A
A1
e
b
L
α
min
max
10.1
10.5
7.40
7.60
10.00
10.65
2.35
2.65
0.10
0.30
1.27
0.33
0.51
0.40
1.27
0°
8°
All Dimension in inch, coplanarity < 0.004”
min
max
0.398
0.413
0.291
0.299
0.394
0.419
0.093
0.104
0.004
0.012
0.050
0.013
0.020
0.016
0.050
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com