Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH3122KDF Datasheet HTML 2Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 3Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 6
3901003122
Rev 004
Application Hints
Operating during Disturbances
The absence of VS ,VCC or GND connection or ground
shift either alone or in any combination, do not influence
or disturb the communication between other bus nodes.
Undervoltage
The reset unit secures the correct behavior of the driver
during undervoltage. The inputs have pull-up or pull-
down characteristics and have therefore defined voltage
levels.
With 4.5V
≤ VCC ≤ 5.25V the bus connection operates
within the correct parameters .
If VRES1
≤ VCC ≤4.5V the TxD signal is transmitted to the
bus. The receive mode is also active.
If VCC < VRES1the bus driver is tristate.
SENSE and SO output the correct signal if VCC > VRES .
The specificated values of the input voltages on SO can’t
guaranteed.
Regulator Circuitry
The choice and dimension of the capacitor on VCC is
determined by application point of view. Important
parameters are the current difference on load changes
and the maximum short time voltage drop.
The VCC pin must be connected to a min. 2
µ F
capacitor for stable operating of the regulator in the
whole operating range.
Short Circuit Proof
All in- and outputs are short circuit proof to battery and
ground. A thermal shut down circuit prevents VCC and
BUS from any damage.
Baud Rate
The TH3122 has a maximum Baud rate of 9600 Baud
(CBUS < 25nF, RPU > 400
Ω).
Application Circuitry
Figure 8 - Application Circuit
There should be used an LC-Filter to minimize the influence of EMI on the BUS lines.
TH3122
VS
GND
VTR
EN
GND
SO
SI
BUS
VCC
GND
RESET
SENSE
GND
RxD
TxD
V
Bat
82p
33uH
47n
100u
+5V
6.8u
µC
BUS
battery reverse diode
SEN/STA
Control Unit
100p
10
optional
Reset
TxD
RxD
Port X.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com