Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  TH3122KDF Datasheet HTML 1Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 2Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 3Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 2
3901003122
Rev 004
Functional Diagram
Wake-up
pnp Control
slew rate
foldback
OSC
Over Temp
V
THSI_H
V
THSI_L
V
thH
V
thL
+5V
7.8V
6.8V
+5V
VS
EN
VTR
BUS
SI
SO
RxD
TxD
RESET
SENSE
VCC
Power Supply
+5V
Reset-Logic
VTR-Logic
Bus-Logic
SEN/STA
Figure 1 - Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com