Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH3122KDF Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 10Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 11Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 8
3901003122
Rev 004
Static Characteristics
(VS = 5.25 to 16V, VCC= 4.75 to 5.25V, TA = -40 to +125°C, unless otherwise specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Linear Regulator
Output voltage VCC
VCCn
5.5V
≤ VS ≤ 16V
TA = 25°C
4.95
5.0
5.05
V
VCCt
5.5V
≤ VS ≤ 16V
4.90
5.0
5.10
V
VCCh
VSUP > 16V
4.95
5.0
5.25
V
VCCI
3.3 V< VS< 5.5 V
VS-VD
5.1
V
Supply current, „normal mode“
ISnl
VEN = VS = 12V, Pins 8-11,
14-16 open
100
µ A
VEN = 0V, VCC switched off
35
50
Drop-out voltage
VD
VS
≥ 4.0V, IVCC = 25mA
200
mV
VS
≥ 4.0V, IVCC = 100mA
400
mV
VS
≥ 3.3V, IVCC = 20mA
600
mV
Output current VCC
IVCC
VS
≥ 3.0V
100
mA
Current limitation VCC
ILVCC
VS > 0V
300
mA
Power-on-reset threshold “VCC on”
VRESEIN
refered to VCC, VS > 4.6V
4.5
4.65
4.8
V
Power-on-reset threshold “VCC off”
VRES2
VTR=High, VS > 0V
4.5
4.65
4.8
V
VRES1
3.0
3.15
3.3
SENSE-Output
VS - threshold low at SENSE
VSENL
6.8
V
VS - threshold high an SENSE
VSENH
7.8
V
Hysteresis SENSE
VSENHYS
100
mV
Output voltage low
VOL
IOUT = 1mA
0.8
V
Output voltage high
VOH
IOUT = -1mA
VCC-0.8
V
Enable-Input EN
Input voltage low
VENL
-0.3
1.75
V
Input voltage high
VENH
2.5
VS +0.3
V
Hysteresis
VENHYS
100
mV
Pull-down current EN
IpdEN
VEN > VENH
1.8
4.0
7.5
µ A
VEN < VENL
70
100
130
µ A
Output RESET
Output voltage low
VOL
IOUT = 1 mA, VSUP > 5.5 V
0.8
V
10 k
Ω RESET to VCC
0.2
V
Pull-up current
Ipu
-500
-375
-250
µ A
ISsleep
Supply current, „sleep mode“
µA
Load capacity
Cload
ESR
≤ 5Ω
2
µF
VTR=Low, VS > 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com