Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 10Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 11Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 12Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 13Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 11
3901003122
Rev 004
Pin Description
TH3122
1
EN
SENSE
GND
GND
VTR
GND
GND
RESET
BUS
SO
SI
SEN/STA
RxD
TxD
16
15
14
13
12
11
10
9
8
7
6
5
4
2
3
VS
VCC
Pin
Name
I/O
Function
1
VS
Supply voltage
2
EN
I
Enable Input voltage regulator, HV-pull-down-Input, High-active
3
VTR
I
Analogue Input - definition of reset time und Reset voltage level
4
GND
Ground
5
GND
Ground
6
BUS
I/O
Bi-directional bus line
7
SI
I
Comparator Input, HV-Input
8
SO
O
5V-Comparator Output
9
SEN/STA
I/O
Send status
10
RxD
O
Receive Output, 5V-push-pull
11
TxD
I
5V-Transmit Input, pull-up-Input
12
GND
Ground
13
GND
Ground
14
RESET
O
5V-output reset, active low
15
SENSE
O
5V-output of VS-Monitoring
16
VCC
O
Regulator output 5V/100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com