Electronic Components Datasheet Search
  English  ▼

X  

TH3122KDF Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH3122KDF Datasheet HTML 3Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 10Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 7
3901003122
Rev 004
Operating Conditions
Electrical Specification
All voltages are referenced to ground (GND). Positive
currents flow into the IC. The absolute maximum ratings
given in the table below are limiting values that do not
lead to a permanent damage of the device but exceeding
any of these limits may do so. Long term exposure to
limiting values may affect the reliability of the device.
Reliable operation of the TH3122 is only specified within
the limits shown in ”Operating conditions”.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Battery voltage
VS
5.25
16
V
Supply voltage
VCC
4.75
5.25
V
Operating ambient temperature
TA
-40
+125
°C
Junction temperature
[1]
TJ
+150
°C
______________________________
[1] Junction temperature is defined in IEC 747-1
[2] The current and voltage values are valid independent from each other.
[3] The maximum power dissipation is defined by the ambient temperature and the thermal resistance. It can be calculated with
P0 =(VS-VCC)*IVCC+PBUS. PBUS is the BUS driver output with normally
≤25 mW
[4] see over temperature protection
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage at VS
[2]
VS
-1.0
16
V
T
≤ 1min
-
30
T
≤ 500 ms
-
40
Input voltage at pin BUS
[2]
VINBUS
-24
30
V
T
≤ 500 ms
-
40
Difference VS-VCC
VS-VCC
-0.3
40
V
Input voltage at pin EN and SI
VINENSI
-0.3
VS+0.3
V
Input voltage at pin VTR, TxD, SEN/STA, SO, RESET, SENSE
VIN
-0.3
VCC+0.3
V
Input current at pin EN, VTR, SI, SO, SEN/STA, TxD,
RxD,RESET, SENSE
IIN
-25
25
mA
Input current for short circuit of pin VS and VCC
IShort
-500
500
mA
Power dissipation
P0
mW
Thermal resistance from junction to ambient
RTHJA
50
K/W
Junction temperature
[4]
TJ
150
°C
Storage temperature
TSTG
-55
150
°C
Internal limited
[3] [4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com