Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 4 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 4 Page - Hirose Electric

  FX23 Datasheet HTML 1Page - Hirose Electric FX23 Datasheet HTML 2Page - Hirose Electric FX23 Datasheet HTML 3Page - Hirose Electric FX23 Datasheet HTML 4Page - Hirose Electric FX23 Datasheet HTML 5Page - Hirose Electric FX23 Datasheet HTML 6Page - Hirose Electric FX23 Datasheet HTML 7Page - Hirose Electric FX23 Datasheet HTML 8Page - Hirose Electric FX23 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
Items
Specifications
Conditions
Contact Resistance
Signal : 70m Ω Max.
Power : 20m Ω Max.
Measured at 100mA
Insulation Resistance
Signal : 100M Ω Max.
Power : 1,000M Ω Max.
Signal : Measured at 100V DC
Power : Measured at 250V DC
Withstanding Voltage
No insulation breakdown.
Signal Contacts Energized at
150V AC for 1 min.
Power Contacts Energized at
600V AC for 1 min.
Mating Durability
Contact resistance of the signal part 80m Ω Max.
Power part 30m Ω Max.
100 times
Vibration Proof
No electrical discontinuity of 1μ s or more
Frequency 10 - 55Hz, half amplitude 0.75mm,
10 cycles in each of the 3-axis directions
each for 5 minutes per cycle
Shock Resistance
No electrical discontinuity of 1μ s or more
Acceleration of 490m/s2 ; duration 11ms,
sine half-wave, 3 cycles in each of the 3 axes
each in both directions.
Moisture Resistance
Contact Resistance
Signal : 80m Ω Max. / Power : 30m Ω Max.
Insulation Resistance
Signal : 100M Ω Min. / Power : 1,000M Ω Min.
Left to stand for 96 hours at a temperature
of +40℃ and a humidity of 90 to 95%
Temperature Cycle
Contact Resistance
Signal : 80m Ω Max. / Power : 30m Ω Max.
Insulation Resistance
Signal : 100M Ω Min. / Power : 1,000M Ω Min.
Temperature -55 → +85℃
5 cycles for a series of time periods :
30 minutes → 30 minutes
Note 1 : Includes temperature rise due to current flow.
Note 2 : The term“storage”refers to the long-term storage condition of unused products before mounting on PCB.
Materials / Finish
Part
Materials
Finish
UL Standard
Insulator (FX23)
Header
Polyamide Resin
Black Color
UL94V-0
Receptacle
LCP Resin
Insulator (FX23L)
Header
Polyamide Resin
UL94V-0
Receptacle
Contact
Header
Copper Alloy
Contacted Part : Gold Plating
Signal Contact-mounting Part : Gold Plating
Power Contact-mounting Part : Pure Tin Plating
-
Receptacle
Retention Tab
Brass
Pure Tin Plating
-
Product Specifications
Rated Current
Signal
Power
Operating Temperature (Note 1)
-55 to +105℃
0.5A
3A
Storage Temperature Range (Note 2)
-10 to +60℃
Rated Voltage
Signal
Power
50V AC
200V AC
Operating Humidity
Range
90% or less
relative humidity (No dew
condensation)
Storage Humidity
Range
90% or less
relative humidity (No dew
condensation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com