Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 9 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 9 Page - Hirose Electric

Back Button FX23 Datasheet HTML 5Page - Hirose Electric FX23 Datasheet HTML 6Page - Hirose Electric FX23 Datasheet HTML 7Page - Hirose Electric FX23 Datasheet HTML 8Page - Hirose Electric FX23 Datasheet HTML 9Page - Hirose Electric FX23 Datasheet HTML 10Page - Hirose Electric FX23 Datasheet HTML 11Page - Hirose Electric FX23 Datasheet HTML 12Page - Hirose Electric FX23 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
High Speed Transmission Properties (FX23 : h=15mm, FX23L : h=12mm)
●
Pin Assignment
The following pin arrangement is recommended to match the 100Ω differential impedance and to contain cross- talk.
Diff pair
Signal pin
Ground pin
●
Differential Impedance 80ps Rise Time (20 to 80%)
0.8
1
1.2
1.4
1.6
1.8
85
90
95
100
105
110
115
Time (ns)
FX23
0.8
1
1.2
1.4
1.6
1.8
85
90
95
100
105
110
115
Time (ns)
FX23L
Meets the criterion of 100±10Ω at the rise time of 80ps ( 20 to 80% ) .
●
Insertion Loss
0
2
4
6
8
10
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Frequency (GHz)
FX23
0
2
4
6
8
10
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Frequency (GHz)
FX23L
●
Return Loss
0
2
4
6
8
10
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
FX23
0
2
4
6
8
10
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (GHz)
FX23L
Superior insertion loss and return loss characteristics up to 5GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com