Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 3 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 3 Page - Hirose Electric

  FX23 Datasheet HTML 1Page - Hirose Electric FX23 Datasheet HTML 2Page - Hirose Electric FX23 Datasheet HTML 3Page - Hirose Electric FX23 Datasheet HTML 4Page - Hirose Electric FX23 Datasheet HTML 5Page - Hirose Electric FX23 Datasheet HTML 6Page - Hirose Electric FX23 Datasheet HTML 7Page - Hirose Electric FX23 Datasheet HTML 8Page - Hirose Electric FX23 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
7. Current Capacity:
Signal Contact 0.5A/pin
Power Contact 3A/pin
8. Pick & Place (suction tape
attached as standard)
9. Large guide post for
excellent mating performance
Easy mating operation due to large self- alignment range.
■ Signal Integrity
●
ICR (Insertion-loss-to-Crosstalk-Ratio)
The ICR containing cross- talk from 5 adjacent differential pairs provides adequate margin in comparison with the criteria
based on the specification of IEEE802. 3ap.
●
Differential Impedance
Differential impedance is 100±10Ω at the rise time of 87. 5ps ( 20 to 80% ) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com