Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 28 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 28 Page - Hirose Electric

Back Button FX23 Datasheet HTML 24Page - Hirose Electric FX23 Datasheet HTML 25Page - Hirose Electric FX23 Datasheet HTML 26Page - Hirose Electric FX23 Datasheet HTML 27Page - Hirose Electric FX23 Datasheet HTML 28Page - Hirose Electric FX23 Datasheet HTML 29Page - Hirose Electric FX23 Datasheet HTML 30Page - Hirose Electric FX23 Datasheet HTML 31Page - Hirose Electric FX23 Datasheet HTML 32Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
●
Straight Receptacle
(E)
D
+2
 0
φ
21
±
0.8
P=20 ±0.1
2 ±0.15
P=4 ±0.1
1.5
+0.1
 0
φ1.5
+0.1
 0
Embossed Cover Tape
Embossed Carrier Tape
Suction Tape
Reel Dimension
Part No.
Packing Quantity
(pcs/reel)
A
B
C
D
E
FX23L-20S-0.5SV(20)
500
20.2
40.4
44
44.4
50.4
FX23L-40S-0.5SV(20)
500
20.2
40.4
44
44.4
50.4
FX23L-60S-0.5SV(20)
500
26.2
52.4
56
56.4
62.4
FX23L-80S-0.5SV(20)
500
26.2
52.4
56
56.4
62.4
FX23L-100S-0.5SV(20)
500
26.2
52.4
56
56.4
62.4
FX23L-120S-0.5SV(20)
-
-
-
-
-
-
Unit : mm
Note : For item whose dimensions are "-", please contact our sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com