Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 19 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 19 Page - Hirose Electric

Back Button FX23 Datasheet HTML 15Page - Hirose Electric FX23 Datasheet HTML 16Page - Hirose Electric FX23 Datasheet HTML 17Page - Hirose Electric FX23 Datasheet HTML 18Page - Hirose Electric FX23 Datasheet HTML 19Page - Hirose Electric FX23 Datasheet HTML 20Page - Hirose Electric FX23 Datasheet HTML 21Page - Hirose Electric FX23 Datasheet HTML 22Page - Hirose Electric FX23 Datasheet HTML 23Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
●
Straight Receptacle
[FX23L-##S-0.5SV]
Contact No.1
Contact No.G
Contact No.H
Contact No.J
0.8±0.1
0.15±0.03
0.15±0.15
t=0.15±0.03 × w=0.2±0.05
A±0.3
B±0.3
(10.5)
P=0.5±0.15
C±0.2
9.35±0.25
D±0.25
●
Recommended PCB Layout
Metal Mask(t=0.15) : 0.25±0.03
Metal Mask(t=0.12) : 0.3±0.03
2.45±0.05
2.45±0.05
F±0.05
E
Land Pattern : 0.3±0.03
P=0.5±0.03
D±0.05
C±0.05
4φ1.2
+0.1
 0
(TH)
4×φ1.6
+0.1
 0
(Land)
Part No.
HRS No.
No. of
Pos.
A
B
C
D
E
F
G
H
J
FX23L-20S-0.5SV(##)
CL0573-2301-9-##
20
21
19.5
4.5
9.5
4.8
17.2
10
11
20
FX23L-40S-0.5SV(##)
CL0573-2302-1-##
40
26
24.5
9.5
14.5
9.8
22.2
20
21
40
FX23L-60S-0.5SV(##)
CL0573-2303-4-##
60
31
29.5
14.5
19.5
14.8
27.2
30
31
60
FX23L-80S-0.5SV(##)
CL0573-2304-7-##
80
36
34.5
19.5
24.5
19.8
32.2
40
41
80
FX23L-100S-0.5SV(##)
CL0573-2305-0-##
100
41
39.5
24.5
29.5
24.8
37.2
50
51
100
FX23L-120S-0.5SV(##)
CL0573-2306-2-##
120
46
44.5
29.5
34.5
29.8
42.2
60
61
120
Unit : mm
【Specification Number】(##), ##
(00) : Tray Packaging
(20) : Embossed Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com