Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 17 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 17 Page - Hirose Electric

Back Button FX23 Datasheet HTML 13Page - Hirose Electric FX23 Datasheet HTML 14Page - Hirose Electric FX23 Datasheet HTML 15Page - Hirose Electric FX23 Datasheet HTML 16Page - Hirose Electric FX23 Datasheet HTML 17Page - Hirose Electric FX23 Datasheet HTML 18Page - Hirose Electric FX23 Datasheet HTML 19Page - Hirose Electric FX23 Datasheet HTML 20Page - Hirose Electric FX23 Datasheet HTML 21Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
[FX23L-##P-0.5SV10]
Contact No.J
Contact No.H
Contact No.G
Contact No.1
A
A±0.3
B±0.3
t=0.15±0.03×w=0.2±0.05
0.15±0.15
(7.6)
0.15±0.03
3.7±0.15
0.8±0.1
D±0.15
4.75±0.25
E±0.25
P=0.5±0.15
C±0.2
●
Recommended PCB Layout
Metal Mask(t=0.15) : 0.25±0.03
Metal Mask(t=0.12) : 0.3±0.03
P=0.5±0.03
Land Pattern : 0.3±0.03
2.45±0.05
E±0.05
F±0.05
2.45±0.05
C±0.05
4×φ1.6
+0.1
0 (Land)
4×φ1.2
+0.1
0 (TH)
Part No.
HRS No.
No. of
Pos.
A
B
C
D
E
F
G
H
J
FX23L-20P-0.5SV10(##)
CL0573-2101-0-##
20
18.7
17.2
4.5
11.65
9.5
14.9
10
11
20
FX23L-40P-0.5SV10(##)
CL0573-2102-2-##
40
23.7
22.2
9.5
16.65
14.5
19.9
20
21
40
FX23L-60P-0.5SV10(##)
CL0573-2103-5-##
60
28.7
27.2
14.5
21.65
19.5
24.9
30
31
60
FX23L-80P-0.5SV10(##)
CL0573-2104-8-##
80
33.7
32.2
19.5
26.65
24.5
29.9
40
41
80
FX23L-100P-0.5SV10(##)
CL0573-2105-0-##
100
38.7
37.2
24.5
31.65
29.5
34.9
50
51
100
FX23L-120P-0.5SV10(##)
CL0573-2106-3-##
120
43.7
42.2
29.5
36.65
34.5
39.9
60
61
120
Unit : mm
【Specification Number】(##), ##
(00) : Tray Packaging
(20) : Embossed Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com