Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 31 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 31 Page - Hirose Electric

Back Button FX23 Datasheet HTML 24Page - Hirose Electric FX23 Datasheet HTML 25Page - Hirose Electric FX23 Datasheet HTML 26Page - Hirose Electric FX23 Datasheet HTML 27Page - Hirose Electric FX23 Datasheet HTML 28Page - Hirose Electric FX23 Datasheet HTML 29Page - Hirose Electric FX23 Datasheet HTML 30Page - Hirose Electric FX23 Datasheet HTML 31Page - Hirose Electric FX23 Datasheet HTML 32Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
・ The self- alignment range is ±1. 2mm in both the X and Y directions. After beginning to mate the connectors within the
misalignment range, proceed by mating in a straight line without forcing the connector.
±1.2mm
±1.2mm
±1.2mm
±1.2mm
X Direction (Longitudinal Direction)
Y Direction (Transverse Direction)
・ When mating/ un- mating, it is strongly recommended to insert or remove in a straight line. If not possible due to board
layout, insertion and removal should be carried out within the following inclination angle.
Moreover, during the mating operation, be sure to proceed without forcibly applying a load to the connector.
Allow the connector to be placed straight when the mating operation is completed.
X Direction ( Longitudinal Direction) ⇒ for 20, 40, 60pos. : within 2°
for 80, 100, 120pos. : within 10°
Y Direction ( Transverse Direction) ⇒ within 0. 5°
X Direction (Longitudinal Direction)
Y Direction (Transverse Direction)
Within±0.5°
Within±0.5°
Within±2°,±10°
±2°,±10°
Within
Note : This is not a recommended operation. Damage to the connector could occur.
● Permissible Misalignment in the Mated State (Floating Amount)
This connector is designed to float when mated. The permissible misalignment between PCBs in the mated state is
±0. 6mm in both the X and Y directions.
However, this connector is not suitable for misalignment absorption when the misalignment amount is constantly changing
due to vibration, etc. Be sure to secure PCBs after mating. Additionally, the number of repetitive floating operations
shall be according to the number of connector insertion/ withdrawal cycles. ( 100 times Max. )
X Direction (Longitudinal Direction)
Y Direction (Transverse Direction)
Floating side
Floating side
Floating side
±0.6mm
±0.6mm
±0.6mm
±0.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com