Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 30 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 30 Page - Hirose Electric

Back Button FX23 Datasheet HTML 24Page - Hirose Electric FX23 Datasheet HTML 25Page - Hirose Electric FX23 Datasheet HTML 26Page - Hirose Electric FX23 Datasheet HTML 27Page - Hirose Electric FX23 Datasheet HTML 28Page - Hirose Electric FX23 Datasheet HTML 29Page - Hirose Electric FX23 Datasheet HTML 30Page - Hirose Electric FX23 Datasheet HTML 31Page - Hirose Electric FX23 Datasheet HTML 32Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
Cleaning Conditions
● Cleaning with Organic Solvent
Solvent
Cleaning at Normal Temperature
Heated Cleaning
IPA (Isopropyl alcohol)
○
○
● Cleaning with Water
When water- type cleaning agents ( terpene, alkaline saponification agents) are used, select cleaning agents based on the
' Table of Influence' on metals and resins issued by the cleaning agent manufacturer.
Caution : Do not leave with any water content left.
● Cleaning Precautions
When cleaning the parts with organic solvents and water- type agents, if flux or cleaning agents remain in the connector,
it could cause the deterioration of electric performance. Please be sure to check if adequate cleaning has been carried
out.
Usage Precautions
● About the Specified Dimension Between PCBs
The dimension between PCBs shall be within the following range :
FX23L-## P-0.5SV ##
FX23-## P-0.5SV ##
FX23-## S-0.5SH
FX23-## S-0.5SH
FX23L-## S-0.5SV
FX23-## S-0.5SV ##
FX23-## P-0.5SV15
FX23-## P-0.5SV20
Max2.3
Max2.3
(15.9)
(20.9)
Max16.7
Max21.7
## : Stacking Height
● Securing PCBs
Please take measures to secure the PCB other than using connectors. Using only the connectors to
support the board may result in a load to the connector that results in damage or contact failure.
● Cautions in Mating Operations
・ This connector is designed to prevent reverse insertion. The connector could be damaged if excessive force is exerted
when mating.
Avoid excessive force when mating. Mate only after confirming the following connector properties ( chamfer of the
external face) :
Header Side
Receptacle Side
Chamfer
Chamfer
Chamfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com