Electronic Components Datasheet Search
  English  ▼

X  

FX23 Datasheet(PDF) 29 Page - Hirose Electric

Part # FX23
Description  High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX23 Datasheet(HTML) 29 Page - Hirose Electric

Back Button FX23 Datasheet HTML 24Page - Hirose Electric FX23 Datasheet HTML 25Page - Hirose Electric FX23 Datasheet HTML 26Page - Hirose Electric FX23 Datasheet HTML 27Page - Hirose Electric FX23 Datasheet HTML 28Page - Hirose Electric FX23 Datasheet HTML 29Page - Hirose Electric FX23 Datasheet HTML 30Page - Hirose Electric FX23 Datasheet HTML 31Page - Hirose Electric FX23 Datasheet HTML 32Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
FX23/FX23L Series/High Speed Transmission, 0.5mm Pitch Board-to-Board Floating Connectors
Storing FX23 Series
There are two types of trays ( A and B) for the FX23 Series.
These have been designed to stack in alternating order ( A- B- A- B. . . ) for shipping and storage.
If tray A is stacked on top of another tray A, or if tray B is stacked on top of another tray B, the trays will put
a load on the connectors, potentially causing connector breakage or deformation.
Tray B
Tray A
Tray A
Tray A
When stacked correctly, the outer structure of the trays will
prevent any load from being placed on the connectors below.
When stacked incorrectly, the outer structure of the trays will
not function, resulting in a load added to the connector.
OK
When storing the FX23 Series, please ensure that the trays are stacked in alternating order.
Recommended Temperature Profile
150℃
200℃
220℃
140
180
220
0
160
200
240
260
(Peak temperature : 250℃ Max.)
Soldering time
(220℃ or more)
(within 60 seconds)
(90 to 120 seconds)
Preheating time(150 to 200℃)
< Applicable Conditions >
Test PCB Dimensions
: 110× 60× 1.6mm
Material
: Glass epoxy
Solder Composition
: Sn-3Ag-0.5Cu
Flux Content
: 11wt%
Metal Mask Thickness
: 0.12mm, 0.15mm
Number of Reflow Times : 2 times Max.
*The temperature profile is a reference under the condition of
the above settings : Temperature profile may change depending
on solder paste types, manufacturers, PCB size, and other
soldering materials. Please fully check the mounting conditions
before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com