Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
G =
100V/V
Figure 6-43. Overload Recovery
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-60
-40
-20
0
20
40
60
80
ISC, Source
ISC, Sink
Short to VSOUT/ 2
G = 1V/V
Figure 6-44. Output Short-Circuit Current vs Temperature
Time ( s)
-1
0
1
2
3
4
5
6
-8
-6
-4
-2
0
2
4
6
8
G = 1V/V
Figure 6-45. Large-Signal Step Response
Frequency (Hz)
0
4
8
12
16
20
100
1k
10k
100k
1M
10M
100
1k
10k
100k
1M
10M
Vs = 15V
Vs = 5V
G = 1V/V
Figure 6-46. Large-Signal Step Response vs Frequency
Time ( s)
-1
0
1
2
3
4
5
6
-80
-60
-40
-20
0
20
40
60
80
G = 100V/V
CL = 100pF
Figure 6-47. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-80
-60
-40
-20
0
20
40
60
80
G = 1V/V
CL = 100pF
Figure 6-48. Small-Signal Step Response
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com