Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments INA849 Datasheet HTML 32Page - Texas Instruments INA849 Datasheet HTML 33Page - Texas Instruments INA849 Datasheet HTML 34Page - Texas Instruments INA849 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (August 2025) to Revision A (December 2025)
Page
• Updated data sheet status from Advanced Information to Production Data ......................................................1
• Changed common mode input impedance from 7pF to 4.4pF........................................................................... 6
• Changed differential input voltage limits from ±20V to ±16V..............................................................................6
• Modified CMRR for G = 2, 10, and 20 from 81dB, 96dB, and 102dB to 80dB, 95dB, and 100dB respectively. 6
• Added the Voltage Noise section........................................................................................................................6
• Modified Nonlinearity test conditions for G=0.5 from VOUT=10V to 8V.............................................................6
• Added the differential gain nonlinearity parameter values..................................................................................6
• Changed the BW parameter value for G=10,20 from 4.2MHz to 5MHz............................................................. 6
• Modified slew rate test conditions for G=0.5 from VOUT=10V to 8V................................................................. 6
• Added Slew Rate, and Gain Switching Time parameter values, and Settling Time parameter..........................6
• Added the THD and HD2, and HD3 parameters................................................................................................ 6
• Changed IQ_input parameter typical value from 3mA to 3.2mA, and maximum value from 3.7mA to 3.9mA... 6
• Changed IQ_input over temperature parameter maximum value from 4.5mA to 4.9mA................................... 6
• Added all Typical Characteristics figures apart from Gain Error, Offset and Offset Drift Distribution, and Gain
vs. Frequency, which existed in the previous version........................................................................................ 9
• Modified the gain settings block diagram to have current sources at the input instead of resistors.................20
• Updated Input common mode vs. output differential voltage curves for G=0.5, G=1, and G=2.......................23
• Added current consumption with differential inputs section..............................................................................24
• Changed the opamp used in SAR ADC circuit from OPA192 to OPA387, also reflected in the application
circuit figure...................................................................................................................................................... 25
• Changed input filter and kickback filter for SAR ADC circuit, reflected in the application circuit figure............26
• Added the results table of the SAR ADC application circuit............................................................................. 26
• Updated the caution statement to refer to typical characteristics section.........................................................27
DATE
REVISION
NOTES
August 2025
*
Initial Release
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com