Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
VIN, Differential Input Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
-15
-12
-9
-6
-3
0
3
6
9
12
15
I(Vs+)
I(Vs–)
I(IN+)
I(IN–)
VS = VSOUT = ±15V
VICM = VREF = 0V
G = 50V/V
VIN linear limits = ±0.286V
Figure 8-7. Current Consumption versus
Differential Input Voltage
VIN, Differential Input Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
5
-15
-12
-9
-6
-3
0
3
6
9
12
15
I(Vs+)
I(Vs–)
I(IN+)
I(IN–)
VS = VSOUT = ±15V
VICM = VREF = 0V
G = 100V/V
VIN linear limits = ±0.143V
Figure 8-8. Current Consumption versus
Differential Input Voltage
8.2 Typical Applications
8.2.1 Driving a Single-Ended Input SAR ADC
Figure 8-9 shows the schematic for a 16-bit, precision, 1MSPS, successive approximation register (SAR),
analog-to-digital converter (ADC). This circuit shows the driving capability of the PGA848 with the ADS8860
single-ended input ADC.
ADS8860
Single-Ended
SAR ADC
INP
INN
5.3V
AVSS
REF6250
5.0V
Reference
RDIV1
±0.05%
10k
REF6050
5.0V
Reference
1k
OPA387
+
–
RISO
20
RF
2k
5.3V
220pF
220pF
15V
100nF
–15V
100nF
DA_IN–
+
OUT
IN+
IN–
DA_IN+
+
PGA848
+
Gain Network
A0
A1
A2
A0
A1
A2
Overvoltage
Protection
Overvoltage
Protection
VS+
DGND
–
–
–
REF
LVDD
VS–
LVSS
5.3V
1µF
REFIN
PGA848
REF Voltage
2.5V
2nF
100nF
CFB
33pF
CFB
33pF
22µF
0.22
RFIL
10
CDIFF
10nF
RFIL
10
22nF
10nF
RDIV2
±0.05%
10k
CF
2200pF
100nF
215Ω
215
3.33k
3.33k
6.67k
6.67k
VIN+
VIN
VOUT = G × VIN +VREF
VIN = VIN+
VIN
VOUT
VREF
Figure 8-9. Driving the ADS8860 SAR ADC
www.ti.com
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com