Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Power-supply Rejection Ratio ( V/V)
0
10
20
30
40
-4
-3
-2
-1
0
1
2
3
4
N = 700
Mean = 0.204μV/V
Std. dev. = 0.0278μV/V
G = 0.5V/V
Figure 6-13. PSRR Distribution
Frequency (Hz)
0
25
50
75
100
125
150
100m
1
10
100
1k
10k
100k
1M
Positive PSRR
Negative PSRR
Typical unit shown
G = 1V/V
Figure 6-14. Positive and Negative PSRR vs Frequency
Common-mode Rejection Ratio ( V/V)
0
3
6
9
12
15
-1.25
-1
-0.75 -0.5 -0.25
0
0.25
0.5
0.75
1
1.25
N = 700
Mean = –0.0075μV/V
Std. dev. = 0.294μV/V
G = 100V/V
Figure 6-15. CMRR Distribution
Common-mode Rejection Ratio ( V/V)
0
5
10
15
20
-75
-60
-45
-30
-15
0
15
30
45
60
75
N = 700
Mean = 2.619μV/V
Std. dev = 13.71μV/V
G = 2V/V
Figure 6-16. CMRR Distribution
Common-mode Rejection Ratio ( V/V)
0
5
10
15
20
25
-350
-250
-150
-50
50
150
250
350
N = 700
Mean = 10.377μV/V
Std. dev = 54.846μV/V
G = 0.5V/V
Figure 6-17. CMRR Distribution
Frequency (Hz)
40
60
80
100
120
140
100m
1
10
100
1k
10k
100k
1M
G = 0.5
G = 1
G = 2
G = 5
G = 10
G = 20
G = 50
G = 100
Typical unit shown
.
Figure 6-18. CMRR vs Frequency (RTI)
www.ti.com
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com