Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
REF pin. The second feedback path is through the feedback capacitor, CF = 2200pF, connected to the output of
the op amp. The circuit provides a loop gain phase margin of 86°. The noninverting input of the OPA387 buffer
has a low-pass filter with R = 1kΩ, C = 10nF to reduce the resistive divider thermal noise. Using any other load
capacitance requires recalculation of the stability components: RF, CF, and RISO. If modifying the REF bypass
capacitance, verify the circuit is stable with simulation using the OPA387 TINA-TI model (or PSpice®-for-TI
model). Confirm the circuit provides more than 60° of phase margin.
The results are shown in Table 8-2, which includes the typical signal-to-noise ratio (SNR) and total harmonic
distortion (THD) measurements. A 1kHz differential signal is applied and the signal amplitude is adjusted to
produce PGA848 output at -0.5dBFS of the ADC.
Table 8-2. PGA848 and ADS8860 FFT Data Summary, fSAMPLE = 1 MSPS, fIN = 1kHz, BW = 160kHz
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.5
9.79
91.84
-95.34
14.70
1
4.886
91.72
-95.45
14.69
2
2.443
91.35
-95.33
14.64
5
977.5m
88.57
-95.32
14.28
10
488.5m
84.00
-95.18
13.61
20
244.1m
78.98
-95.10
12.81
50
97.8m
72.36
-94.75
11.72
100
48.85m
67.16
-92.75
10.86
Performance and SNR are function of the system bandwidth. Setting the system bandwidth to fit application
requirements enables higher performance. In the previous example, reducing the PGA bandwidth to 23kHz by
setting CFB = 1nF improves the SNR at higher gains by almost 12dB as shown in Table 8-3.
Table 8-3. PGA848 and ADS8860 FFT Data Summary, fSAMPLE = 1 MSPS, fIN = 1kHz, BW = 23kHz
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.5
9.79
92.69
-93.90
14.69
1
4.886
92.70
-93.64
14.68
2
2.443
92.59
-93.28
14.64
5
977.5m
92.36
-93.25
14.62
10
488.5m
91.66
-93.17
14.55
20
244.1m
89.75
-93.27
14.35
50
97.8m
84.16
-93.15
13.60
100
48.85m
78.80
-92.64
12.77
8.3 Power Supply Recommendations
The nominal performance of the PGA848 is specified with input-stage supply and output-stage supply voltages
of ±15V, and VICM and VREF at mid-supply. Within the specified limits, custom input common-mode and output
common-mode voltages are usable without compromising performance; see also Section 6.3. To prevent
damage to internal circuitry, the output-stage power supplies are clamped to stay within the input-stage supply
voltage levels; see also Section 7.2.
CAUTION
Supply voltages higher than 40V (±20V) permanently damage the device. Parameters that vary over
supply voltage or temperature are shown in Typical characteristics section of this document.
www.ti.com
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com