Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
7.3.3 Using the Output Difference Amplifier to Shape Noise
The functional block diagram in Section 7.2 shows that the PGA848 output-stage difference amplifier uses a
6.67kΩ feedback resistor between the output and the inverting input. External direct access to the inverting and
noninverting inputs of the difference amplifier is provided through the DA_IN– and DA_IN+ pins, respectively.
This option allows circuit designers to add external capacitors in parallel with the internal resistors to implement
noise-filtering or noise-shaping techniques. These pins are also used to implement customized attenuating gains
for the output stage. Consider the following important factors when designing parallel circuits with the internal
resistors:
• The accuracy of the internal resistor network is 0.01% or better. This accuracy results in a common-mode
rejection (CMRR) of 80dB or better. Mismatched leakage currents on these pins potentially cause CMRR
degradation.
• The internal resistors have ±15% absolute resistance variation. Consider this variation when implementing
custom attenuating gains or noise filters.
CAUTION
Do not treat these pins as outputs, nor use the pins to source or sink current. Excessive currents
through the feedback resistors potentially cause permanent damage to internal circuitry.
7.4 Device Functional Modes
The PGA848 has a single functional mode. The device operates when the input-stage power supply is greater
than ±4.5V (9V) and the output stage power supply is greater than ±2.25V (4.5V). Additionally, see Section 6.3.
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com