Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25 °C, VS = VSOUT = ±15V, VICM = 0V, VREF = 0V, RL = 10kΩ connected to ground, and G = 1V/V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
G < 10
6.5
MHz
G = 10, 20
5.0
G = 50, 100
2.5
SR
Slew rate
G = 0.5, VOUT = 8V
G = 1 to 20, VOUT = 10V
43
V/µs
tS
Settling time
G = 0.5, VIN = 10V step or
G= 1 to 20, VOUT = 10V step
To 0.01%
0.71
µs
To 0.0015%
0.88
µs
G = 50
VOUT = 10V step
To 0.01%
1.21
µs
To 0.0015%
1.40
µs
G = 100
VOUT = 10V step
To 0.01%
2.01
µs
To 0.0015%
2.20
µs
Gain switching time
1.5
µs
THD+N
Total harmonic distortion and
Noise
Differential input, f = 10kHz, VOUT = 10VPP
–97
dB
Single-ended input, f = 10kHz, VOUT = 10VPP
–99
HD2
Second-order harmonic distortion
Differential input, f = 10kHz, VOUT = 10VPP
–132
Single-ended input, f = 10kHz, VOUT = 10VPP
–112
HD3
Third-order harmonic distortion
Differential input, f = 10kHz, VOUT = 10VPP
–106
Single-ended input, f = 10kHz, VOUT = 10VPP
–106
REFERENCE INPUT
Reference input voltage
VLVSS
VLVDD
V
Reference input impedance
10
kΩ
Reference input current
VIN = 0V
140
µA
Reference gain to output
1
V/V
Reference gain error
VOUT = ±10V, within the linear operating range
0.01
0.05
%
INPUT STAGE POWER SUPPLY
IQ_input
Input stage quiescent current
VS+, VS–
VIN = 0V, VICM = 0V
3.2
3.9
mA
TA = –40°C to +125°C
4.9
OUTPUT STAGE POWER SUPPLY
IQ_output
Output stage quiescent current
LVDD, LVSS
VIN = 0V, VREF = 0V
1.3
1.8
mA
TA = –40°C to +125°C
2.2
DIGITAL LOGIC
VIL
Digital input logic low
A0, A1, A2 pins, referred to DGND
VDGND
VDGND + 0.8
V
VIH
Digital input logic high
A0, A1, A2 pins, referred to DGND
VDGND + 1.8
VS+
V
Digital input pin current
A0, A1, A2 pins
1.5
3
µA
VDGND
DGND voltage
VS–
(VS+) – 4
V
DGND reference current
4
10
µA
(1)
Differential Input voltage of the PGA848 amplifier (VIN = VIN+ – VIN-). The valid input range depends on input common-mode voltage
VICM, gain G, and reference voltage VREF. See Section 8.1.1
(2)
Output voltage VOUT = G × VIN + VREF if VIN, VICM, and VREF are in valid linear operating range. See Section 8.1.1
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com