Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA849
Description  PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output, Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 1 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PGA848 Low-Noise, Wide-Bandwidth, Scope Gain, Single-Ended Output,
Programmable Gain Instrumentation Amplifier
1 Features
• Differential to single-ended conversion
• Eight pin-programmable decade (scope) gains
– G (V/V) = ½, 1, 2, 5, 10, 20, 50, and 100
• Low gain error drift: ±2ppm/°C (maximum)
• Faster signal processing:
– Wide bandwidth: 6.2MHz (G < 10), 2.4MHz (G
= 50, 100)
– High slew rate: 43V/µs at all gains
– Settling time: 710ns to 0.01% (G < 20)
– Input stage noise: 8.5nV/√Hz at G > 10V/V
– Filter option to achieve better SNR
• Input overvoltage protection to ±40V beyond
supplies
• Input-stage supply range:
– Single supply: 9V to 36V
– Dual supply: ±4.5V to ±18V
• Independent output power-supply pins
• Output-stage supply range:
– Single supply: 4.5V to 36V
– Dual supply: ±2.25V to ±18V
• Specified temperature range: –40°C to +125°C
• Small package: 3mm × 3mm VQFN
2 Applications
• Factory automation and controls
• Analog input modules
• Data acquisition (DAQ)
• Test and measurement
• Parametric measurement units (PMU)
3 Description
The
PGA848
is
a
wide-bandwidth,
low-noise
programmable gain instrumentation amplifier for
differential-to-single-ended conversion. The PGA848
is equipped with eight decade (scope) gain settings,
from an attenuating gain of 0.5V/V to a maximum of
100V/V. Gain is set using three digital gain selection
pins.
The PGA848 architecture is optimized to drive
inputs of high-resolution, precision analog-to-digital
converters (ADCs) with sampling rates up to 1MSPS
without additional ADC drivers. The output-stage
power supplies are decoupled from the input stage
to protect the ADC or downstream devices against
overdrive damage.
The super-beta input transistors offer an impressively
low input bias current, which in turn provides a
very low input current noise density of 0.3pA/√Hz.
This capability makes the PGA848 a versatile choice
for virtually any sensor type. The low-noise current-
feedback front-end architecture offers exceptional
gain flatness even at high frequencies, making the
PGA848 an excellent high-impedance sensor readout
device. Integrated protection circuitry on the input
pins handles overvoltages of up to ±40V beyond the
power-supply voltages.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
PGA848
RGT (VQFN, 16)
3mm × 3mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
IN+
IN
+
–
PGA848
+
–
Gain
Network
OVP
OVP
V
S-
V
S+
V
LVDD
V
LVSS
R
R
R
R
+
–
REF
OUT
DAIN
DAIN+
ADC
IN
VDD
VSS
V
IN+
V
IN
V
IN
+
VS+
VS-
V
DGND
DGND
A<2:0>
LVSS
LVDD
V
OUT
V
REF
V
OUT = G × VIN +
V
REF
PGA848 Simplified Application
Frequency (Hz)
-80
-60
-40
-20
0
20
40
60
10
100
1k
10k
100k
1M
10M
G = 0.5
G = 1
G = 2
G = 5
G = 10
G = 20
G = 50
G = 100
Gain vs Frequency
PGA848
SBOSAN4A – AUGUST 2025 – REVISED DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA849

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA849 TI-INA849 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
More results

Similar Description - INA849

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_15 Datasheet
465Kb / 15P
Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_17 Datasheet
497Kb / 16P
Programmable Gain Instrumentation Amplifier
23-Feb-2017
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com