Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 11Page - Texas Instruments OPA659 Datasheet HTML 12Page - Texas Instruments OPA659 Datasheet HTML 13Page - Texas Instruments OPA659 Datasheet HTML 14Page - Texas Instruments OPA659 Datasheet HTML 15Page - Texas Instruments OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
VS+
VS
VIN+
VOUT
Power
Supply
ESD Cell
VIN
FB
Internal
Circuitry
Figure 7-3. Internal ESD Protection
7.3.2 Feedback Pin
For high-speed analog design, minimizing parasitic capacitance and inductance is critical to get the best
performance from a high-speed amplifier such as the OPA818. Parasitics are especially detrimental in the
feedback path and at the inverting input. Parasitics result in undesired poles and zeroes in the feedback that
potentially reduce phase margin or cause instability. Techniques used to correct for this phase margin reduction
often result in reduced application bandwidth. To keep system engineers from making these tradeoff choices and
to simplify the printed circuit board (PCB) layout, the OPA818 features a feedback pin (FB) pin on the same side
as the inverting input pin (IN–). Figure 7-4 shows how this configuration allows for a very short feedback resistor
(RF) connection between the FB and the IN– pins, thus minimizing parasitics with minimal PCB design effort.
Internally, the FB pin is connected to VOUT through metal routing on the silicon. As a result of the fixed metal
sizing of this connection, the FB pin has limited current carrying capability; therefore, adhere to Section 6.1 for
continuous operation.
R
F
1
2
3
4
8
7
6
5
+
PD
FB
IN
IN+
VS+
VS
NC
OUT
Figure 7-4. RF Connection Between FB and IN– Pins
7.3.3 Decompensated Architecture With Wide Gain-Bandwidth Product
Figure 7-5 shows the open-loop gain and phase response of the OPA818. The GBWP of an op amp is measured
in the 20-dB/decade constant slope region of the AOL magnitude plot. The open-loop gain of 60 dB for the
OPA818 is along this 20-dB/decade slope and the corresponding frequency intercept is at 2.7 MHz. Converting
60 dB to linear units (1000 V/V) and multiplying by the 2.7-MHz frequency intercept gives the GBWP of the
OPA818 as 2.7 GHz. The AOL Bode plot shows that the second pole in the AOL response occurs before the AOL
magnitude drops to less than 0 dB (1 V/V). This result shows a phase change of more than 180° at 0 dB AOL,
indicating that the amplifier can not be stable in a gain of 1 V/V. Amplifiers, such as the OPA818, that are not
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com