Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 14Page - Texas Instruments OPA659 Datasheet HTML 15Page - Texas Instruments OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments OPA659 Datasheet HTML 20Page - Texas Instruments OPA659 Datasheet HTML 21Page - Texas Instruments OPA659 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Wideband, Noninverting Operation
The OPA818 provides a unique combination of high GBWP, low-input voltage noise, and the dc precision of
a trimmed JFET-input stage to provide an exceptionally high input impedance for a voltage-feedback amplifier.
The high GBWP of 2.7 GHz is used to either deliver high-signal bandwidths at high gains, or to extend the
achievable bandwidth or gain in photodiode-transimpedance applications. To achieve the full performance of
the OPA818, pay careful attention to printed circuit board (PCB) layout and component selection; see also the
following sections of this data sheet.
Figure 8-1 shows the noninverting gain of +7 V/V circuit used as the basis for most of the Typical Characteristics:
VS = ±5 V. Most of the curves are characterized using signal sources with 50-Ω driving impedance, and with
measurement equipment presenting a 50-Ω load impedance. In Figure 8-1, the 49.9-Ω shunt resistor at the
VIN terminal matches the source impedance of the test generator, while the 49.9-Ω series resistor at the VO
terminal provides a matching resistor for the measurement equipment load. Generally, data-sheet voltage-swing
specifications are at the output pin (VO in Figure 8-1) while output power specifications are at the matched 50‑Ω
load. The total 100-Ω load at the output combined with the 350-Ω total feedback network load, presents the
OPA818 with an effective output load of 78 Ω for the circuit of Figure 8-1.
R
F
301
–5 V
+5 V
R
G
49.9
0.01
F
0.22
F
0.01
F
0.22
F
49.9
V
IN
V
O
49.9
+
–
50
Source
50
Load
Figure 8-1. Noninverting G = +7 V/V Configuration and Test Circuit
Voltage-feedback operational amplifiers, unlike current feedback products, use a wide range of resistor values
to set gain. To retain a controlled frequency response for the noninverting voltage amplifier of Figure 8-1,
ensure that the parallel combination of RF || RG is less than 50 Ω. In the noninverting configuration, the parallel
combination of RF || RG forms a pole with the parasitic input capacitance at the inverting node of the OPA818
(including layout parasitics). For best performance, set this pole to a frequency greater than the closed-loop
bandwidth for the OPA818.
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com