Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 21Page - Texas Instruments OPA659 Datasheet HTML 22Page - Texas Instruments OPA659 Datasheet HTML 23Page - Texas Instruments OPA659 Datasheet HTML 24Page - Texas Instruments OPA659 Datasheet HTML 25Page - Texas Instruments OPA659 Datasheet HTML 26Page - Texas Instruments OPA659 Datasheet HTML 27Page - Texas Instruments OPA659 Datasheet HTML 28Page - Texas Instruments OPA659 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
detrimental to a decompensated amplifier stability because this amplifier isolates the APD capacitance from the
noise gain transfer function. Equation 4 calculates the noise gain. The added PCB trace inductance between
the feedback network increases the denominator in Equation 4, thereby reducing the noise gain and the phase
margin. In cases where a leaded APD in a TO can is used, further minimize inductance by cutting the leads of
the TO can as short as possible. Also, consider edge mounting the photodiode on the PCB versus through the
hole, if the application allows.
To improve the layout in Figure 8-10, follow some of the guidelines in Figure 8-11. The two key rules to follow
are:
• Add an isolation resistor RISO as close as possible to the inverting input of the amplifier. Select the value
of RISO to be between 10 Ω and 20 Ω. The resistor dampens the potential resonance caused by the trace
inductance and the amplifiers internal capacitance.
• Close the loop between the feedback elements (RF and CF) and RISO as close to the APD pins as possible.
This configuration provides a more balanced layout and reduces the inductive isolation between the APD and
the feedback network.
Noise Gain = 1 + ZFZIN
(4)
where,
• ZF is the total impedance of the feedback network
• ZIN is the total impedance of the input network
CF
APD
Package
Trace inductance isolates
APD capacitance from the
amplifier noise gain
RF
1
PD
8 VS+
2
FB
7 OUT
3
IN±
6 NC
4
IN+
5 VS±
Thermal
Pad
VBIAS
Figure 8-10. Non-Ideal TIA Layout
VBIAS
Place RISO close to IN±
Close the loop close
to APD pins
1
PD
8 VS+
2
FB
7 OUT
3
IN±
6 NC
4
IN+
5 VS±
Thermal
Pad
APD
Package
CF
RF
RISO
Figure 8-11. Improved TIA Layout
www.ti.com
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com