Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 10Page - Texas Instruments OPA659 Datasheet HTML 11Page - Texas Instruments OPA659 Datasheet HTML 12Page - Texas Instruments OPA659 Datasheet HTML 13Page - Texas Instruments OPA659 Datasheet HTML 14Page - Texas Instruments OPA659 Datasheet HTML 15Page - Texas Instruments OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
7 Detailed Description
7.1 Overview
The OPA818 is a 13-V supply, 2.7-GHz gain-bandwidth product (GBWP), voltage-feedback operational amplifier
(op amp) featuring a 2.2-nV/√Hz, low-noise, JFET input stage. The OPA818 is decompensated to be typically
stable in gains ≥ 7 V/V. The decompensated architecture allows for a favorable tradeoff of low quiescent current
for a very high GBWP and low distortion performance in high-gain applications. The high voltage capability
combined with a 1400-V/µs slew rate enables applications that require wide output swings (10 VPP at VS = 12
V) for high-frequency signals. Such applications include optical front ends, test and measurement, and medical
systems. The low noise JFET input with pico amperes of bias current makes this device particularly attractive
for high TIA gain applications and test and measurement front ends. The OPA818 also features a power-down
mode that disables the core amplifier for power savings.
The OPA818 is built using TI's proprietary high-voltage, high-speed, complementary, bipolar SiGe process.
7.2 Functional Block Diagram
The OPA818 is a conventional voltage-feedback op amp with two high-impedance inputs and a low-
impedance output. Standard amplifier configurations are supported. Figure 7-1 and Figure 7-2 show two basic
configurations. The dc operating point for each configuration is level-shifted by the reference voltage (VREF),
which is typically set to midsupply in single-supply operation. VREF is typically set to ground in split-supply
applications.
+
–
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1+RF/RG)VSIG
VO
VS+
VS–
Figure 7-1. Noninverting Amplifier
+
–
VIN
RG
VREF
VREF
RF
VSIG
VREF
–(RF/RG)VSIG
VO
VS+
VS–
Figure 7-2. Inverting Amplifier
7.3 Feature Description
7.3.1 Input and ESD Protection
The OPA818 is built using a very high speed complementary bipolar process. The internal junction breakdown
voltages are relatively low for these very small geometry devices. These breakdowns are reflected in Section
6.1. Figure 7-3 shows how all the device pins are protected with internal ESD protection diodes.
These diodes also provide moderate protection to input overdrive voltages beyond the supplies. The protection
diodes typically support 10mA continuous current. Where higher currents are possible (for example, in systems
with ±12V supply parts driving into the OPA818), add current limiting series resistors in series with the two
inputs to limit the current. Keep these resistor values as low as possible because high values degrade both
noise performance and frequency response. There are no back-to-back ESD diodes between VIN+ and VIN–. As
a result, the differential input voltage between VIN+ and VIN– is entirely absorbed by the VGS of the input JFET
differential pair; do not exceed the voltage ratings in Section 6.1.
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com