Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments OPA659 Datasheet HTML 20Page - Texas Instruments OPA659 Datasheet HTML 21Page - Texas Instruments OPA659 Datasheet HTML 22Page - Texas Instruments OPA659 Datasheet HTML 23Page - Texas Instruments OPA659 Datasheet HTML 24Page - Texas Instruments OPA659 Datasheet HTML 25Page - Texas Instruments OPA659 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
8.2.2 Noninverting Gain of 2 V/V
The OPA818 is typically stable in noise-gain configurations greater than 7 V/V when conventional feedback
networks are used. The OPA818 is configurable in noise gains less than 7 V/V by using capacitors in the
feedback path and between the inputs. This configuration maintains the desired gain at lower frequencies and
increases the noise gain at higher frequencies such that the amplifier is stable. Configuration (a) in Figure
8-6 shows OPA818 configured in a gain of 2 V/V by using capacitors and resistors to shape the noise gain
and achieve a phase margin of approximately 51° that is very close to the phase margin achieved for the
conventional 7 V/V configuration (b) in Figure 8-6.
The key benefit of using a decompensated amplifier, such as the OPA818, at gains below the minimum stable
gain is that designers can take advantage of the low noise and low distortion performance at power levels
lower than those of comparable unity-gain stable architectures. The small-signal frequency response in Figure
8-6 shows flat ac performance beyond 100 MHz for a gain of 2 V/V configuration (a) in Figure 8-8, and by
being in a lower gain configuration versus the minimum stable gain configuration of 7 V/V, the output-referred
total noise is also lower (64 nV/√Hz at 100 MHz); see also Figure 8-8 compared to that at 166 nV/√Hz of
configuration (b). Reducing the 10-pF input capacitor allows the system to achieve higher closed-loop bandwidth
at the expense of increased peaking and reduced phase margin. Low-capacitance layout by minimizing trace
lengths and removing planes under the traces and components connected to the inverting input is critical to
minimize parasitic capacitance (see Layout Guidelines). Parasitic capacitance as small as 1 pF to 2 pF on the
inverting input requires tweaking the noise-shaping component values to get flat frequency response and the
desired phase margin. Configurations in Figure 8-6 do not take into account this parasitic capacitance but are
considered for practical purposes. A 45° phase margin is generally acceptable, but anything less than 40° is not
recommended to allow for component, PCB, and process tolerances. Details on the benefits of decompensated
architectures are discussed in Using a decompensated op amp for improved performance.
VO
+5 V
–5 V
+
–
301
3.3 pF
OPA818
VIN
301
10 pF
100
(a) G = 2 V/V
VO
+5 V
–5 V
+
–
301
OPA818
VIN
49.9
100
(b) G = 7 V/V
10
Figure 8-6. Noninverting Gain of 2 V/V and 7 V/V Configurations
Frequency (Hz)
-9
-6
-3
0
3
10M
100M
1G
D107
G = 2 V/V
G = 7 V/V
Figure 8-7. Small-Signal Frequency Response in
Gains of 2 V/V and 7 V/V Configurations of Figure
8-6
Frequency (Hz)
1
1
10
10
100
100
1000
1000
1M
10M
100M
D108
G = 2 V/V, eO
G = 7 V/V, eO
G = 2 V/V, EO
G = 7 V/V, EO
Figure 8-8. Output Noise in Gains of 2 V/V and
7 V/V Configurations of Figure 8-6
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com