Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments OPA659 Datasheet HTML 20Page - Texas Instruments OPA659 Datasheet HTML 21Page - Texas Instruments OPA659 Datasheet HTML 22Page - Texas Instruments OPA659 Datasheet HTML 23Page - Texas Instruments OPA659 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
8.2 Typical Applications
8.2.1 High-Bandwidth, 100-kΩ Gain Transimpedance Design
The high GBWP and low input voltage and current noise make the OPA818 an excellent wideband
transimpedance amplifier for moderate-to-high transimpedance gains.
VO
+5 V
–5 V
+
–
RF
100 k
C1
2.2 pF
VBIAS
OPA818
Supply Decoupling
not shown
CD
5 pF
C2
2.2 pF
CT
47 pF
CDIFF
0.5 pF
CCM
1.9 pF
OPA818 Input Differential and
Common-Mode Capacitance
Figure 8-3. Wideband, High-Sensitivity, Transimpedance Amplifier
8.2.1.1 Design Requirements
Design a high-bandwidth, high-transimpedance-gain amplifier with the design requirements shown in Table 8-1.
Table 8-1. Design Requirements
TARGET BANDWIDTH
(MHz)
TRANSIMPEDANCE GAIN
(kΩ)
PHOTODIODE CAPACITANCE
(pF)
24
100
5
8.2.1.2 Detailed Design Procedure
Designs that require high bandwidth from a large area detector with relatively high transimpedance gain benefit
from the low input voltage noise of the OPA818. This input voltage noise is peaked up over frequency by the
diode source capacitance, and in many cases, becomes the limiting factor to input sensitivity. Figure 8-3 shows
the transimpedance circuit with the parameters defined in Section 8.2.1.1. To use the Excel calculator available
in What You Need To Know About Transimpedance Amplifiers – Part 1 to help with the component selection,
determine the total input capacitance, CTOT. In the calculator, CTOT is referred to as CIN. CTOT is the sum of CD,
CDIFF, and CCM, which is 7.4 pF. Using this value of CTOT, the targeted closed-loop bandwidth (f–3dB) of 24 MHz,
and the transimpedance gain of 100 kΩ results in the need for an amplifier with approximately 2.68 GHz GBWP
and a feedback capacitance (CF) of 0.092 pF. Table 8-2 shows the calculator results. These results are for a
Butterworth response with a Q = 0.707 and a phase margin of approximately 65°, which corresponds to 4.3%
overshoot.
Table 8-2. Results of Inputting Design Parameters in
the TIA Calculator
Calculator II
Closed-loop TIA bandwidth (f–3dB)
24.00
MHz
Feedback resistance (RF)
100
kΩ
Input capacitance (CIN)
7.40
pF
Op-amp gain bandwidth product (GBWP)
2678.14
MHz
Feedback capacitance (CF)
0.092
pF
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com