Electronic Components Datasheet Search
  English  ▼

X  

OPA659 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA659
Description  OPA818 2.7GHz, High-Voltage, FET-Input, Low-Noise, Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA659 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 12Page - Texas Instruments OPA659 Datasheet HTML 13Page - Texas Instruments OPA659 Datasheet HTML 14Page - Texas Instruments OPA659 Datasheet HTML 15Page - Texas Instruments OPA659 Datasheet HTML 16Page - Texas Instruments OPA659 Datasheet HTML 17Page - Texas Instruments OPA659 Datasheet HTML 18Page - Texas Instruments OPA659 Datasheet HTML 19Page - Texas Instruments OPA659 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
unity-gain stable are referred to as decompensated amplifiers. The decompensated architecture typically allows
for higher GBWP, higher slew rate, and lower noise compared to a unity-gain stable amplifier with equivalent
quiescent current. The additional advantage of the decompensated amplifier is better distortion performance at
higher frequencies in high-gain applications for comparable quiescent current to a unity-gain stable amplifier.
The OPA818 is stable in a noise gain of 7 V/V (16.9 dB) or greater in conventional gain circuits (see Figure 7-1
and Figure 7-2). In the noise gain of 7 V/V, the OPA818 has 790 MHz of SSBW with approximately 50° phase
margin.
The high GBWP and low voltage and current noise make the OPA818 an excellent amplifier choice for
wideband, moderate-to-high transimpedance-gain applications. Transimpedance gains of 50 kΩ or greater
benefit from the low-current-noise JFET input. In a typical transimpedance-amplifier (TIA) circuit (see also Figure
8-2), a unity-gain stable amplifier is not required. At low frequencies, the noise gain of the TIA is 0 dB (1 V/V),
and at high frequencies, the noise gain is set by the ratio of the total input capacitance (CTOT) and the feedback
capacitance (CF). To maximize TIA closed-loop bandwidth, the feedback capacitance is typically less than the
total input capacitance. This configuration results in a ratio of total input capacitance to feedback capacitance
greater than 1, which is ultimately the noise gain of the TIA at higher frequencies. The blog series, What you
need to know about transimpedance amplifiers – part 1 and What you need to know about transimpedance
amplifiers – part 2 describe TIA compensation techniques in greater detail.
Frequency (Hz)
0
-180
8
-165
16
-150
24
-135
32
-120
40
-105
48
-90
56
-75
64
-60
72
-45
80
-30
88
-15
96
0
104
15
1k
10k
100k
1M
10M
100M
1G
D027
AOL Magnitude (dB)
AOL Phase (q)
RL = 100 Ω
Simulation
Figure 7-5. Open-Loop Gain Magnitude and Phase
vs Frequency
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
1k
10k
100k
1M
10M
100M
1G
D106
TJ = 40qC
TJ = 27qC
TJ = 85qC
RL = 100 Ω
Simulation
Figure 7-6. Open-Loop Gain Magnitude vs
Temperature
7.3.4 Low Input Capacitance
Often, the two primary considerations for TIA applications are maximizing the TIA closed-loop bandwidth and
minimizing the total output noise to maximize the signal-to-noise ratio (SNR). The total input capacitance (CTOT)
of the TIA circuit causes a zero in the noise gain in combination with the transimpedance gain (feedback
resistor, RF) at frequency 1 / (2πRFCTOT). For a fixed RF, this zero is at a lower frequency for a higher CTOT,
thus increasing the noise gain at the lower frequency. This configuration results in lower equivalent closed-
loop bandwidth and higher total output noise compared to a lower CTOT. The OPA818 features a low input
capacitance (2.4 pF combined common-mode and differential). The OPA818 also provides high closed-loop
bandwidth at low total output noise, or provides the flexibility to choose a photodiode with relatively higher
capacitance for the TIA application. The CTOT includes the input capacitance of the amplifier, the photodiode
capacitance, and the PCB parasitic capacitance at the inverting input.
OPA818
SBOS940B – MAY 2019 – REVISED DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com