Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 24Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 25Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 26Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 27Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 28Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 29Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 30Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 31Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-18
Signal Name
Shared Signal
Ball
Type Description – TCC763/ TCC764
GPIO_A[0]
SDO0 / FGPIO[0]
C9
I/O
GPIO_A[0] / General purpose serial I/O 0 Serial Data Output
FGPIO[0]
GPIO_B[29:28]
USBH_DN, USBH_DP
M9,L8
I/O
GPIO_B[29:28] / USBH_DN, USBH_DP
GPIO_B[27:26]
USB_DN, USB_DP
K8,L7
I/O
GPIO_B[27:26] / USB_DN, USB_DP
GPIO_B[25]
GPIO_B[24] / BM[2]
GPIO_B[23]
GPIO_B[22] / BM[1]
GPIO_B[21] / BM[0]
DAI
DAO
MCLK
LRCK
BCLK
K10
K11
K12
L11
J9
I/O
GPIO_B[25:21] / Boot Mode bits 2 ~ 0 / I2S Interface Signals.
The status of BM[2:0] is latched at the rising edge of nRESET and
used to determine the system boot mode. Refer to sections
“BOOTING PROCEDURE” and “MEMORY CONTROLLER” for
detailed description on BM[2:0].
GPIO_A[24:21] is internally connected with audio CODEC signals.
Refer to Figure 1.3 for more information.
GPIO_B[22:21] have internal pull-down resistor which is
active at power up.
GPIO_B[9]
UT_RX
L9
I/O
GPIO_B[9 ] / UART RX Signal
GPIO_B[8]
UT_TX / SD_nCS
M10
I/O
GPIO_B[8] / UARTTX Signal / DDR SDRAM Chip Select
GPIO_B[7]
ND_nWE
L10
I/O
GPIO_B[7] / Write Enable for NAND Flash
GPIO_B[5:2]
nCS[3:0]
H6, J6
K6, J5
I/O
GPIO_B[5:2] / External Chip Select 3 ~ 0
GPIO_B[1]
SD_nCS / SD_nCLK
L6
I/O
GPIO_B[1] / Chip select for SDRAM / Inverted Clock for DDR
SDRAM.
GPIO_B[0]
SD_CKE
J8
I/O
GPIO_B[0] / SDRAM clock control
GPIO_D[19]
FGPIO[12]
H12
I/O
GPIO_D[19] / Fast GPIO bit 12. Internal pull-up resistor is enabled
at reset.
GPIO_D[18]
FGPIO[11]
D2
I/O
GPIO_D[18] / Fast GPIO bit 11. Internal pull-up resistor is enabled at
reset.
GPIO_D[17]
FGPIO[10] / SCL
G2
I/O
GPIO_D[17] / Fast GPIO bit 10 / I2C SCL
GPIO_D[16]
FGPIO[9] / SDA
A9
I/O
GPIO_D[16] / Fast GPIO bit 9 / I2C SDA
GPIO_D[15]
FGPIO[8]
G1
I/O
GPIO_D[15] / Fast GPIO bit 8
ADC Input Pins
ADIN_0
G10
AI
General purpose multi-channelADC input 0
ADIN_2
F10
AI
General purpose multi-channelADC input 2
ADIN_4
E10
AI
General purpose multi-channelADC input 4
Clock Pins
XIN
H8
I
Main Crystal Oscillator Input for PLL. 12MHz Crystal
must be used if USB Boot Mode is required. Input
voltage must not exceed VDD_OSC (1.95V max).
XOUT
G9
O
Main Crystal Oscillator Output for PLL
XFILT
G12
AO
PLL filter output
XTIN
K9
I
Sub Crystal Oscillator Input. 32.768kHz is recommended.
Input voltage must not exceed VDD_OSC (1.95V max).
XTOUT
J10
O
Sub Crystal Oscillator Output
JTAG Interface Pins
TDI
C11
I
JTAG serial data input for ARM940T
TMS
D11
I
JTAG test mode select for ARM940T
TCK
C10
I
JTAG test clock for ARM940T
TDO
D10
I/O
JTAG serial data output for ARM940T. External pull-up resistor
is required to prevent floating during normal operation.
nTRST
B10
I
JTAG reset signal for ARM940T. Active low.
Mode Control Pins
MODE1
B11
I
Mode Setting Input 1. Pull-down for normal operation.
PKG1
J7
I
Package ID1. Pull-up for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com