Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 75Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 76Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 77Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 78Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 79Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 80Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 81Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 82Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DAI & CDIF
Preliminary
4-7
4.3 CDIF (CD-DSP Interface)
The block diagram of CDIF is illustrated in Figure 4.3.
The TCC76x provides CD-ROM interface for feasible implementation of CD-ROM application
such as CD-MP3 player. The CDIF supports the industry standard IIS format and the LSB
justified format that is used as the most popular format for CD-ROM interface by Sony and
Samsung.
The CDIF has three pins for interface; CBCLK, CLRCK, CDAI. These are multiplexed with
GPIO_B14, GPIO_B15 and GPIO_B16, respectively in the TCC76x or with GPIO_A1,
GPIO_A2 and GPIO_A3 in other derivatives of the TCC76x. The CBCLK is the bit clock
input pins of which frequency can be programmed by CICR for selection of 48fs and 32fs. The
CLRCK is the frame clock input pin that indicates the channel of CD stereo digital audio data.
The CDAI is the input data pin.
The CDIF has five registers; CDDI_0 to CDDI_3 and CICR. The CDDI_0 to the CDDI_3 are
the banked read only registers for access of data input buffer. The data input buffer is composed
of sixteen 32 bit wide registers of which upper 16 bit is left channel data and lower is right
channel data.
The CDIF receive the serial data from CDAI pin and store the data into the buffer through the
serial to parallel register. Whenever the half of buffer is filled, the receive interrupt is generated.
Only the half of input buffer can be accessible through the CDDI_0 to the CDDI_3.
LEFT0
RIGHT0
LEFT3
RIGHT3
LEFT4
RIGHT4
LEFT7
RIGHT7
CDDI0
Input Buffer
Pointer
Input Buffer
S2P
CDAI
CBCLK
CLRCK
CDDI3
Figure 4.3 CDIF Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com