Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 73Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 74Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 75Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 76Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 77Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 78Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 79Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 80Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DAI & CDIF
Preliminary
4-5
BM [10]
DAI Bit Clock Master Select
0
Set that DAI bit clock is come from external pin
1
Set that DAI bit clock is generated by dividing DAI system clock
FM [9]
DAI Frame Clock Master Select
0
Set that DAI frame clock is come from external pin
1
Set that DAI frame clock is generated by dividing DAI bit clock
CC [8]
CDIF Clock Select
0
Disable CDIF Clock master mode
1
Enable CDIF Clock master mode
BD [7:6]
DAI Bit Clock Divider select
00
Select Div 4 ( 256fs->64fs )
01
Select Div 6 ( 384fs->64fs )
10
Select Div 8 ( 512fs->64fs, 384fs->48fs , 256fs->32fs)
11
Select Div16 ( 512fs->32fs )
FD [5:4]
DAI Frame Clock Divider select
00
Select Div 32 ( 32fs->fs )
01
Select Div 48 ( 48fs->fs )
10
Select Div 64 ( 64fs->fs )
The combination of BD & FD determines that the ratio between main system clock and
the sampling frequency. The multiplication between the division factor of BD and FD
must be equal to this ratio.
BP [3]
DAI Bit Clock Polarity
0
Set that data is captured at positive edge of bit clock
1
Set that data is captured at negative edge of bit clock
CM [2]
CDIF Monitor Mode
0
Disable CDIF monitor mode
1
Enable CDIF monitor mode. Data bypass from CDIF
MM [1]
DAI Monitor Mode
0
Disable DAI monitor mode
1
Enable DAI monitor mode. Transmitter should be enabled. (TE = 1)
LB [0]
DAI Loop-back Mode
0
Disable DAI Loop back mode
1
Enable DAI Loop back mode
Digital Audio Volume Control Register (DAVC)
0x80000044
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
VC<3:0>
The volume of audio output can be manipulated by this register. It has –6dB unit so the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com