Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 90Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 91Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 92Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 93Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 94Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 95Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 96Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 97Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
TIMER / COUNTER
Preliminary
6-6
Watchdog Timer Configuration Register (TWDCFG)
0x80000270
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
TCKSEL
IEN
0
ISEL
EN
Watchdog timer is used for the system not to be stuck by generating a reset pulse or
interrupt automatically when the watchdog timer counter overflows to zero.
The programmer must clear the watchdog counter before it overflows by writing any
value to TWDCLR register. The duration can be chosen by selecting TCKSEL field
appropriately.
TCKSEL
[6:4]
TCK Select
k = 0 ~ 3
Undefined. Should not be used.
k = 4
TCK is internally generated from divider circuit. It is driven by TCLK, and
this value determines the division factor of this circuit. Division factor is 25.
k = 5, 6
TCK is internally generated from divider circuit. It is driven by TCLK, and
this value determines the division factor of this circuit. Division factor is 22k
k = 7
Undefined. Should not be used.
IEN [3]
Interrupt Enable
1
Watchdog Timer Interrupt is enabled.
This field is valid only if RST field is set to 0.
ISEL [1]
Interrupt Select
0
Watchdog timer generates the reset signal when it reaches to the
reference value, the reset signal is applied to every component in the
chip.
1
Watchdog timer does not generate reset signal although it reaches to the
reference value, and it continue counting from 0.
EN [0]
Watchdog Timer Enable
1
Watchdog timer is enabled. If the watchdog timer is disabled, its
counter goes to 0xE0, so when it is first enabled, user must clear the
counter by writing to TWDCLR register.
Watchdog Timer Clear Register (TWDCLR)
0x80000274
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
any value
The watchdog timer counter can be cleared to 0 by writing any value to this register.
If it is not cleared before it overflows, the watchdog timer generate reset signal to the
entire component of chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com