Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 29Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 30Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 31Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 32Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 33Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 34Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 35Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 36Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-23
Signal Name
Shared Signal
Ball
Type Description – TCC766
GPIO_D[16]
FGPIO[9] / SDA
C15
I/O
GPIO_D[16] / Fast GPIO bit 9 / I2C SDA
GPIO_D[15]
FGPIO[8]
D14
I/O
GPIO_D[15] / Fast GPIO bit 8
ADC Input Pins
ADIN0
H12
AI
General purpose multi-channelADC input 0
ADIN2
G13
AI
General purpose multi-channelADC input 2
ADIN4
G14
AI
General purpose multi-channelADC input 4
Clock Pins
XIN
L16
I
Main Crystal Oscillator Input for PLL. Input voltage must
not exceed VDD_OSC (1.95V max).
XOUT
K15
O
Main Crystal Oscillator Output for PLL
XFILT
J13
AO
PLL filter output
XTIN
L11
I
Sub Crystal Oscillator Input. 32.768kHz is recommended.
Input voltage must not exceed VDD_OSC (1.95V max).
XTOUT
L12
O
Sub Crystal Oscillator Output
XSCI
A6
I
Crystal Oscillator Input for USB 2.0
XSCO
B5
O
Crystal Oscillator Output for USB 2.0
JTAG Interface Pins
TDI
F12
I
JTAG serial data input for ARM940T
TMS
B13
I
JTAG test mode select for ARM940T
TCK
C12
I
JTAG test clock for ARM940T
TDO
A13
I/O
JTAG serial data output for ARM940T. External pull-up resistor
is required to prevent floating during normal operation.
nTRST
D11
I
JTAG reset signal for ARM940T. Active low.
Mode Control Pins
MODE1
D13
I
Mode Setting Input 1. Used for programming internal NOR
flash. Pull-down for normal operation.
PKG
E13
I
Package ID, Pull-up for normal operation.
nRESET
L8
I
System Reset. Active low.
USB 2.0 Interface Pins
DMRS
D2
I/O
USB 1.1 D- signal.
Connect to external series resistor (39Ω±1%).
DPRS
C1
I/O
USB 1.1 D+ signal.
Connect to external series resistor (39Ω±1%).
DM
B3
I/O
USB 2.0 D- signal.
DP
C4
I/O
USB 2.0 D+ signal.
RREF
C5
I
Connect external reference resistor (12.1kΩ±1%) to
ground (VSS_U20).
RPU
E3
I
Connect external pull-up resistor(1.5kΩ±1%) to USB 2.0
analog power (VDDA_U20).
MS & MSPRO Interface Pins
MS_CLK
P2
O
MS/MSPRO Serial protocol Clock signal.
MS_BS
P3
I/O
MS/MSPRO Serial protocol Bus State signal.
MS_D[3]
P1
I/O
MS/MSPRO Data Line [3]
MS_D[2]
P5
I/O
MS/MSPRO Data Line [2]
MS_D[1]
R5
I/O
MS/MSPRO Data Line [1]
MS_D[0]
R6
I/O
MS/MSPRO Data Line [0]
MS_CD
T5
I/O
MS/MSPRO Card Detection Input.
MS_PC
L1
I/O
MS/MSPRO Power Control signal with internal pull-up.
MMC & SD Interface Pins
MMC_CLK
A16
O
MMC/SD Clock
MMC_CMD
A15
I/O
MMC/SD Command/Respond.
MMC_D[3]
C11
I/O
MMC/SD Data Line [3].
MMC_D[2]
B12
I/O
MMC/SD Data Line [2].
MMC_D[1]
A14
I/O
MMC/SD Data Line [1].
MMC_D[0]
B14
I/O
MMC/SD Data Line [0].
MMC_CD
T2
I/O
MMC/SD Card Detection Input.
MMC_PC
P4
I/O
MMC/SD Power Control signal with internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com