Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 79Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 80Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 81Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 82Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 83Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 84Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 85Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 86Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTERRUPT CONTROLLER
Preliminary
5-1
5 INTERRUPT CONTROLLER
5.1 Overview
The following figure represents the block diagram of interrupt controller. Interrupt
controller can manage up to 19 interrupt sources. In the TCC76x, there are four
external interrupt sources. The polarity and edge of the external interrupts are all
programmable. There are four dedicated noise filter for each external interrupt source.
There are two types of interrupt in ARM940T; IRQ type, FIQ type.
Interrupt controller can select these two types for each interrupt source individually.
The WakeUp Event control logic is provided to generate fully asynchronous wakeup
signal for Power Down Mode or IDLE Mode.
IEN
IRQ Flag
Noise
Filter
EXTIN[3:0]
Edge/Level
Selector
nIRQ/nFIQ
Generator
nFIQ
nIRQ
INTIN[18:4]
ICFG
CREQ
IRQSEL
IREQ
MREQ
External
Interrupt Sources
Internal
Interrupt Sources
to ARM940T
Sync
WakeUp
Event
(Asynchronous)
to Clock Generator
Wakeup Control
Figure 5.1 Interrupt Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com