Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 82Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 83Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 84Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 85Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 86Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 87Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 88Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 89Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTERRUPT CONTROLLER
Preliminary
5-4
IRQ Interrupt Select Register (IRQSEL)
0x8000010C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
CIF
I2C
ADC
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RDY
TC32 DMA
LCD CDIF
UBH
GS
UB
UT
TC
I2T
I2R
E3
E2
E1
E0
If each field is “1”, it means that the corresponding interrupt is considered as IRQ interrupt, if each field is ‘0’ it
means that its interrupt is considered as FIQ interrupt. Refer to chapter 3 for more information about IRQ / FIQ
interrupts.
External Interrupt Configuration Register (ICFG)
0x80000110
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FE3
DTYPE3
FT3
FE2
DTYPE2
FT2
FE1
DTYPE1
FT1
FE0
DTYPE0
FT0
FE3~FE0
Filter Enable
0
Noise filter is enabled (in case of DTYPEn != 3)
1
Noise filter is disabled (in case of DTYPEn != 3)
If DTYPEn == 3, noise filter is always enabled, and this field sets which level generates the
interrupt. If it is set to 1, level high triggers interrupt, and if it is set to 0, level low triggers interrupt.
DTYPE3~0
Detection Type
0
Falling edge triggered external interrupt
1
Rising edge triggered external interrupt
2
Both edge triggered external interrupt
3
Level high / low triggered external interrupt
FEn field determines which level triggers the interrupt. If FEn == 1, level
high triggers the interrupt and FEn == 0, level low triggers the interrupt.
FT3~FT0
Filter Type
X
Reserved
Following is the summary of all above fields.
Table 5.2 Summary of External Interrupt Configuration
FEn, DTYPEn
Triggering
Noise Filter
000
Set falling edge triggered
Filter Enabled
001
Set rising edge triggered
Filter Enabled
010
Set both edge triggered
Filter Enabled
011
Set low level triggered
Filter Enabled
100
Set falling edge triggered
Filter disabled
101
Set rising edge triggered
Filter disabled
110
Set both edge triggered
Filter disabled
111
Set high level triggered
Filter Enabled
“011” and “111” are recommended to avoid conflicts caused by the different interpretation between
Wakup Event logic and Interrupt Generation logic. (Refer to “Wakeup Control Register” description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com