Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 69Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 70Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 71Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 72Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 73Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 74Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 75Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 76Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
DAI & CDIF
Preliminary
4-1
4 DAI & CDIF
4.1 DAI (Digital Audio Interface)
The block diagram of DAI is shown in Figure 4.1.
The TCC76x provides digital audio interface that complies with IIS (Inter-IC Sound). The DAI
has five input/output pins for IIS interface, MCLK, BCLK, LRCK, DAI and DAO. All DAI
input/output pins are multiplexed with GPIO pins; GPIO_B<21:25>.
The MCLK is the system clock pin that is used for CODEC system clock. In master mode, the
MCLK can be generated from clock generator in which that is known as a DCLK, or fed from
the outside of chip in slave mode. The DAI can process 256fs, 384fs and 512fs as a system clock.
256fs means that the system clock has 256 times of sampling frequency (fs).
The BCLK is the serial bit clock for IIS data exchange. The DAI can generate 64fs, 48fs and
32fs by dividing a system clock. The polarity of BCLK can be programmed. That is, the serial
bit can be stable either rising edge of BCLK or falling edge of BCLK.
The LRCK is the frame clock for the stereo audio channel Left and Right. The frequency of
LRCK is known as the “fs” – sampling frequency. Generally, for audio application such as
MP3 Player and CD player, the fs can be set to 8kHz, 16kHz, 11.05kHz, 24kHz, 32kHz,
44.1kHz and 48kHz. For supporting the wide range of sampling frequency in audio application,
the DCO function is very useful to generate a system clock. Refer the chapter of clock generator
for detail information.
All three clocks (MCLK, BCLK, LRCK) are selectable as master or slave.
The DAI, DAO are the serial data input output pins respectively.
The DAI has two 8-word input/output buffers. It has a banked buffer structure so that one side of
buffer is receiving/transmitting data while the other side of that can be read/written through the
DADI_XX/DADO_XX registers. The maximum data word size is 24 bit. Data is justified to
MSB of 32bits and zeros are padded to LSB.
There are two types of interrupt from IIS; transmit done interrupt, receive done interrupt. The
transmit-done interrupt is generated when the 8 words are transferred successfully in the output
buffer. At this interrupt, user should fill another 8 more words into the other part of the output
buffer in the interrupt service routine (ISR). In this ISR routine, 8 consecutive stores of word
data to the DADO registers are needed. The receive-done interrupt is generated when the 8 words
are received successfully in the input buffer. At this interrupt, user should read 8 received words
from the input buffer using 8 consecutive load instructions from the DADI registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com