Electronic Components Datasheet Search
  English  ▼

X  

TCC76X Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 39Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 40Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 41Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 42Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 43Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 44Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 45Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 46Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-33
1.4.6 TCC768 Pin Description
Table 1.8 TCC768 Pin Description
Signal Name
Shared Signal
Ball Type Description – TCC768
External Memory Interface Pins
SD_CKE
GPIO_B[0]
J8
I/O
SDRAM Clock Enable signal. Active high. / GPIO_B[0]
SD_CLK
GPO
L5
I/O
SDRAM Clock / GPO. SD_CLK can be used as a general
purpose output. Refer to section “MEMORY CONTROLLER”.
(MCFG register Bit[3] and Bit[1])
SD_nCS
GPIO_B[1]
L6
I/O
Chip select signal for SDRAM,Active low / GPIO_B[1]
XA[21]
DQM[0]
L4
I/O
External Bus Address Bit [21] / Data I/O Mask 0
XA[20]
DQM[1]
K4
I/O
External Bus Address Bit [20] / Data I/O Mask 1
XA[19]
K3
I/O
External BusAddress Bit [19]
XA[18]
L2
I/O
External BusAddress Bit [18]
XA[17]
ND_CLE
L3
I/O
External Bus Address Bit [17] / CLE for NAND Flash
XA[16]
SD_nRAS / ND_ALE
G3
I/O
External Bus Address Bit [16] / SDRAM RAS signal /ALE for
NAND Flash
XA[15]
SD_nCAS
M3
I/O
External Bus Address Bit [15] / SDRAM CAS signal
XA[14]
SD_BA[1]
M2
I/O
External Bus Address Bit [14] / SDRAM Bank Address 1
XA[13]
SD_BA[0]
M1
I/O
External Bus Address Bit [13] / SDRAM Bank Address 0.
XA[12]
J4
I/O
External Bus Address Bit [12]
XA[11]
K2
I/O
External Bus Address Bit [11]
XA[10]
M4
I/O
External Bus Address Bit [10]
XA[9]
J1
I/O
External Bus Address Bit [9]
XA[8]
H4
I/O
External Bus Address Bit [8]
XA[7]
H5
I/O
External Bus Address Bit [7]
XA[6]
H1
I/O
External Bus Address Bit [6]
XA[5]
G6
I/O
External Bus Address Bit [5]
XA[4]
H2
I/O
External Bus Address Bit [4]
XA[3]
G5
I/O
External Bus Address Bit [3]
XA[2]
G4
I/O
External Bus Address Bit [2]
XA[1]
G7
I/O
External Bus Address Bit [1]
XA[0]
G8
I/O
External Bus Address Bit [0]
XD[15]
A3
I/O
External Bus Data Bit [15]
XD[14]
F4
I/O
External Bus Data Bit [14]
XD[13]
E2
I/O
External Bus Data Bit [13]
XD[12]
E5
I/O
External Bus Data Bit [12]
XD[11]
D8
I/O
External Bus Data Bit [11]
XD[10]
F7
I/O
External Bus Data Bit [10]
XD[9]
E1
I/O
External Bus Data Bit [9]
XD[8]
F6
I/O
External Bus Data Bit [8]
XD[7]
E3
I/O
External Bus Data Bit [7]
XD[6]
D4
I/O
External Bus Data Bit [6]
XD[5]
C2
I/O
External Bus Data Bit [5]
XD[4]
B1
I/O
External Bus Data Bit [4]
XD[3]
A7
I/O
External Bus Data Bit [3]
XD[2]
B2
I/O
External Bus Data Bit [2]
XD[1]
A10
I/O
External Bus Data Bit [1]
XD[0]
F8
I/O
External Bus Data Bit [0]
NCS[3]
ND_nOE[3] / GPIO_B[5]
H6
I/O
External Bus Chip Select [3] / NAND Flash Output Enable [3] /
GPIO_B[5]. This pin should be connected to FCSN.
NCS[2]
ND_nOE[2] / GPIO_B[4]
J6
I/O
External Bus Chip Select [2] / NAND Flash Output Enable [2] /
GPIO_B[4]
NCS[1]
ND_nOE[1] / GPIO_B[3]
K6
I/O
External Bus Chip Select [1] / NAND Flash Output Enable [1] /
GPIO_B[3]
NCS[0]
ND_nOE[0] / GPIO_B[2]
J5
I/O
External Bus Chip Select [0] / NAND Flash Output Enable [1] /
GPIO_B[2]
ND_nWE
GPIO_B[7]
L10
I/O
NAND flash WE.Active low. / GPIO_B[7]
nWE
M5
I/O
Static Memory Write Enable signal. Active low.
nOE
H7
I/O
Static Memory Output Enable signal. Active low.
READY
J11
I
Ready information from external device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com