Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 4 Page - Analog Devices

  MAX9879 Datasheet HTML 1Page - Analog Devices MAX9879 Datasheet HTML 2Page - Analog Devices MAX9879 Datasheet HTML 3Page - Analog Devices MAX9879 Datasheet HTML 4Page - Analog Devices MAX9879 Datasheet HTML 5Page - Analog Devices MAX9879 Datasheet HTML 6Page - Analog Devices MAX9879 Datasheet HTML 7Page - Analog Devices MAX9879 Datasheet HTML 8Page - Analog Devices MAX9879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
4
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0, volume controls =
0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL or HPR to
GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit
1.5
A
Efficiency
η
POUT = 600mW, f = 1kHz
88
%
Speaker Gain
AV
17.4
18
18.4
dB
Output Noise
A-weighted, (ENA = 1 and ENB = 0
or ENA = 0 and ENB = 1),
ΔIN_ = 0
63
µVRMS
Crosstalk
OUTL to OUTR, OUTR to OUTL,
f = 20Hz to 20kHz
75
dB
HEADPHONE AMPLIFIERS
TA = +25°C (volume at mute)
±0.22
±0.85
mV
Output Offset Voltage
VOS
TA = +25°C (Volume at 0dB, ENA = 1 and
ENB = 0 or ENA = 0 and ENB = 1,
ΔIN_ = 0)
±1.5
mV
Into shutdown
-75
Click-and-Pop Level
KCP
Peak voltage, TA = 25°C
A-weighted, 32 samples
per second, volume at
mute (Note 5)
Out of shutdown
-75
dBV
PVDD_ = VDD
= 2.7V to 5.5V
70
85
f = 217Hz,
VRIPPLE
= 100mVP-P
84
f = 1kHz,
VRIPPLE
= 100mVP-P
80
Power-Supply Rejection Ratio
(Note 5)
PSRR
TA = +25°C
f = 20kHz,
VRIPPLE
= 100mVP-P
62
dB
RHP = 16
Ω
58
Output Power
POUT
THD+N = 1%
RHP = 32
Ω
54
mW
Headphone Gain
AV
2.6
3
3.4
dB
Channel-to-Channel Gain
Tracking
TA = +25°C, HPL to HPR, volume at 0dB,
ENA=1 and ENB = 0 or ENA = 1 and ENB
= 0,
ΔIN_ = 0
±0.3
±2.5
%
RHP = 32
Ω
(POUT = 10mW, f = 1kHz)
0.018
Total Harmonic Distortion + Noise
THD+N
RHP = 16
Ω
(POUT = 10mW, f = 1kHz)
0.037
0.08
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com