Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 2 Page - Analog Devices

  MAX9879 Datasheet HTML 1Page - Analog Devices MAX9879 Datasheet HTML 2Page - Analog Devices MAX9879 Datasheet HTML 3Page - Analog Devices MAX9879 Datasheet HTML 4Page - Analog Devices MAX9879 Datasheet HTML 5Page - Analog Devices MAX9879 Datasheet HTML 6Page - Analog Devices MAX9879 Datasheet HTML 7Page - Analog Devices MAX9879 Datasheet HTML 8Page - Analog Devices MAX9879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
VDD, PVDDL, PVDDR to GND ..................................-0.3V to +6V
VDD, PVDDL to PVDDR .........................................-0.3V to +0.3V
VDD to PVDDL .......................................................-0.3V to +0.3V
VCCIO to GND...........................................................-0.3V to +4V
PGNDL, PGNDR, to GND......................................-0.3V to +0.3V
PGNDL to PGNDR.................................................-0.3V to +0.3V
VSS to GND...............................................................-6V to +0.3V
C1N to GND ................................................(VSS - 0.3V) to +0.3V
C1P to GND ...........................................-0.3V to (PVDD_ + 0.3V)
HPL, HPR to VSS (Note 1).............................-0.3V to the lower of
(VDD - VSS + 0.3V) or +9V
HPL, HPR to VDD (Note 2) .........................+0.3V to the higher of
(VSS - PVDD_ - 0.3V) or -9V
INA1, INA2, INB1, INB2, BIAS..................................-0.3V to +4V
SDA, SCL, SHDN......................................................-0.3V to +4V
All Other Pins to GND ............................-0.3V to (PVDD_ + 0.3V)
Continuous Current In/Out of PVDD_, PGND_, OUT_ ....±800mA
Continuous Current In/Out of HPR and HPL .....................140mA
Continuous Current In/Out of RXIN+ and RXIN- ...............150mA
Continuous Input Current VSS...........................................100mA
Continuous Input Current (All Other Pins) ........................±20mA
Duration of OUT_ Short Circuit
to PGND_ or PVDD_...............................................Continuous
Duration of Short Circuit
Between OUT_+ and OUT_- ..................................Continuous
Duration of HP_ Short Circuit to GND or PVDDL........Continuous
Continuous Power Dissipation (TA = +70°C)
5x6 UCSP Multilayer Board
(derate 16.5mW/°C above +70°C) .............................1250mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Supply Voltage Range
VDD,
PVDDR
PVDDL
Guaranteed by PSRR Test
2.7
5.5
V
Digital Supply Voltage Range
VCCIO
1.7
3.6
V
HP mode, RHP =
∞
5.6
9.0
Stereo SPK mode, RSPK =
∞
9.8
18
Mono SPK mode, RSPK =
∞
6.6
10
Quiescent Current
IDD
Stereo SPK + HP mode, RHP= RSPK =
∞
13.2
24
mA
Software shutdown
5
10
Shutdown Current
ISHDN
ISHDN = IDD + IPVDDR
+ IPVDDL + ICC;
TA = +25°C
Hardware shutdown
0.1
1
µA
Turn-On Time
tON
Time from shutdown or power-on to full
operation
10
ms
TA = +25°C, preamp = 0dB or +5.5dB
11
21
31
Input Resistance
RIN
TA = +25°C, preamp = +20dB
3
5.5
8
k
Ω
Preamp = 0dB
2.3
Preamp = +5.5dB
1.2
Headphone
amplifier
path
Preamp = +20dB
0.23
Preamp = 0dB
1.2
Preamp = +5.5dB
0.64
Maximum Input Signal Swing
Speaker
amplifier path
Preamp = +20dB
0.12
VP-P
ELECTRICAL CHARACTERISTICS
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0, volume controls =
0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL or HPR to
GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 3, 4)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: HPR and HPL should be limited to no more than 9V above VSS, or above PVDD + 0.3V, whichever limits first.
Note 2: HPR and HPL should be limited to no more than 9V below PVDD, or below VSS - 0.3V, whichever limits first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com