Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 7Page - Analog Devices MAX9879 Datasheet HTML 8Page - Analog Devices MAX9879 Datasheet HTML 9Page - Analog Devices MAX9879 Datasheet HTML 10Page - Analog Devices MAX9879 Datasheet HTML 11Page - Analog Devices MAX9879 Datasheet HTML 12Page - Analog Devices MAX9879 Datasheet HTML 13Page - Analog Devices MAX9879 Datasheet HTML 14Page - Analog Devices MAX9879 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
11
Maxim Integrated
Typical Operating Characteristics (continued)
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0dB, volume con-
trols = 0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL
or HPR to GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = +25°C, unless otherwise noted.)
MAX9879 toc21
2ms/div
SCL
2V/div
OUT+ - OUT-
1V/div
SDA
2V/div
HEADPHONE AMPLIFIERS (Speaker Disabled)
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER (HEADPHONE MODE)
OUTPUT POWER (mW)
20
80
40
0.1
1
0.01
10
0.001
060
100
VDD = 3.7V
RL = 16
Ω
fIN = 100Hz
fIN = 1kHz
fIN = 6kHz
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER (HEADPHONE MODE)
OUTPUT POWER (mW)
40
30
50
0.1
10
0.01
100
0.001
020
70
10
60
VDD = 3.0V
RL = 32
Ω
fIN = 1kHz
fIN = 6kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER (HEADPHONE MODE)
OUTPUT POWER (mW)
40
30
50
0.1
10
0.01
100
0.001
020
60
10
VDD = 3.0V
RL = 16
Ω
fIN = 1kHz
fIN = 6kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (kHz)
1
0.1
10
0.1
1
0.01
10
0.001
0.01
100
VDD = 3.0V
RL = 32
Ω
OUTPUT POWER = 30mW
OUTPUT POWER = 10mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (kHz)
1
0.1
10
0.1
1
0.01
10
0.001
0.01
100
VDD = 3.0V
RL = 16
Ω
OUTPUT POWER = 7mW
OUTPUT POWER = 22mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (kHz)
1
0.1
10
0.1
1
0.01
10
0.001
0.01
100
VDD = 3.7V
RL = 32
Ω
fIN = 1kHz
fIN = 6kHz
fIN = 100Hz
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
10
0.001
0.01
100
VDD = 3.7V
RL = 32
Ω
OUTPUT POWER = 20mW
OUTPUT POWER = 45mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (HEADPHONE NOISE)
FREQUENCY (kHz)
1
0.1
10
0.1
1
0.01
10
0.001
0.01
100
VDD = 3.7V
RL = 16
Ω
OUTPUT POWER = 10mW
OUTPUT POWER = 40mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com